Electronic Components Datasheet Search
  English  ▼

X  

SAM9X75D2G Datasheet(PDF) 33 Page - Microchip Technology

Part # SAM9X75D2G
Description  SAM9X75 System-in-Package (SiP) MPU with 1‑Gbit or 2‑Gbit DDR3L SDRAM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X75D2G Datasheet(HTML) 33 Page - Microchip Technology

Back Button SAM9X75D2G Datasheet HTML 28Page - Microchip Technology SAM9X75D2G Datasheet HTML 29Page - Microchip Technology SAM9X75D2G Datasheet HTML 30Page - Microchip Technology SAM9X75D2G Datasheet HTML 31Page - Microchip Technology SAM9X75D2G Datasheet HTML 32Page - Microchip Technology SAM9X75D2G Datasheet HTML 33Page - Microchip Technology SAM9X75D2G Datasheet HTML 34Page - Microchip Technology SAM9X75D2G Datasheet HTML 35Page - Microchip Technology SAM9X75D2G Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
SAM9X75 SiP
Data Sheet
© 2023 Microchip Technology Inc. and its subsidiaries
DS60001827B - 33
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales
office.
Architecture
Product Group
X75
Memory
SAM9
I
Carrier Type
Temperature
/ 4TB
Package
T –
D1G
Architecture:
SAM9
= ARM926EJ–S Arm Thumb microprocessor
Product Group:
X75
= General purpose microprocessor
Memory Type and Size:
D1G
= 1-Gbit DDR3L SDRAM
D2G
= 2-Gbit DDR3L SDRAM
Carrier Type:
Blank
= Standard packaging (tray)
T
= Tape and reel
Ambient Temperature Range:
I
= –40°C to +85°C (industrial)
Package:
4TB
= TFBGA243
Example:
• SAM9X75D1GT–I/4TB = ARM926EJ–S Arm Thumb microprocessor, 1-Gbit DDR3L SDRAM, tape and
reel packaging, industrial temperature range, 243-ball TFBGA package
Notes: 
1. The Tape and Reel identifier only appears in the catalog part number description. This identifier
is used for ordering purposes and is not printed on the device package. Check with your
Microchip Sales Office for package availability with the Tape and Reel option.
2. Small form-factor packaging options may be available. Please check www.microchip.com/
packaging for small-form factor package availability, or contact your local Sales Office.
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
• Microchip products meet the specifications contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is secure when used in the intended manner, within
operating specifications, and under normal conditions.
• Microchip values and aggressively protects its intellectual property rights. Attempts to breach the
code protection features of Microchip product is strictly prohibited and may violate the Digital
Millennium Copyright Act.
• Neither Microchip nor any other semiconductor manufacturer can guarantee the security of its
code. Code protection does not mean that we are guaranteeing the product is “unbreakable”.
Code protection is constantly evolving. Microchip is committed to continuously improving the
code protection features of our products.
Legal Notice
This publication and the information herein may be used only with Microchip products, including
to design, test, and integrate Microchip products with your application. Use of this information
in any other manner violates these terms. Information regarding device applications is provided
only for your convenience and may be superseded by updates. It is your responsibility to ensure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com