Electronic Components Datasheet Search
  English  ▼

X  

PIIPM50F06M004 Datasheet(PDF) 3 Page - International Rectifier

Part # PIIPM50F06M004
Description  Programmable Isolated IPM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50F06M004 Datasheet(HTML) 3 Page - International Rectifier

  PIIPM50F06M004 Datasheet HTML 1Page - International Rectifier PIIPM50F06M004 Datasheet HTML 2Page - International Rectifier PIIPM50F06M004 Datasheet HTML 3Page - International Rectifier PIIPM50F06M004 Datasheet HTML 4Page - International Rectifier PIIPM50F06M004 Datasheet HTML 5Page - International Rectifier PIIPM50F06M004 Datasheet HTML 6Page - International Rectifier PIIPM50F06M004 Datasheet HTML 7Page - International Rectifier PIIPM50F06M004 Datasheet HTML 8Page - International Rectifier PIIPM50F06M004 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.irf.com
3
PIIPM50P12B004
I27146 01/03
Signal pins on RS422 serial port
Symbol
Lead Description
Pin number
Vin iso
External 5V supply voltage for opto-couplers and line driver supply
6
GND iso
Extenal 5V supply ground reference for opto-couplers and line driver supply
7
Tx+
RS422 Trasmitter Non inverting Driver Output
1
Tx-
RS422 Trasmitter Inverting Driver Output
2
Rx+
RS422 Receiver Non inverting Driver Input,
4
Rx-
RS422 Receiver Inverting Driver Input
3
Enc1 – Hall1 / SpiCK
Incremental Encoder 1 / Hall effect sensor input 1/ SpiCK input (GND iso referenced)
5
Enc2 – Hall2 / SpiSTE Incremental Encoder 2 / Hall effect sensor input 2 / SpiSTE input (GND iso referenced)
9
Strb – Hall3 / SpiRx
Incremental Encoder Strobe / Hall effect sensor input 3 / SpiRx input (GND iso ref.)
10
SpiTx
SpiTx output (GND iso referenced)
8
Vin
External 15V supply voltage. Internally referred to DC bus minus pin (DC -)
17-18
COM
External 15V supply ground reference. This pin is directly connected to DC -
19-20
RS422
serial
port
Signal pins on IEEE1149.1 JTAG connector
Symbol
Lead Description
State
Pin number
TMS
JTAG test mode select
Input
12
TMS2
JTAG test mode select 2
Input
5-6
TDI
JTAG test data input
Input
14
TDO
JTAG test data output
Output
13
TCK
JTAG test clock. TCK is a 10MHz clock source from the emulation pod. This
signal can be used to drive the system test clock.
Input
15
TRST~
JTAG test reset
Input
11
EMU0
Emulation pin 0
I/O
9-10
EMU1/OFF~
Emulation pin 1
I/O
7-8
PD
Presence detect.
Indicates that the emulation cable is connected and that the PI-IPM logic is
powered up. PD is tied to the DSP 3.3V supply through a 1k resistor.
Output
1
TCK_RET
JTAG test clock return. Test clock input to the emulator.
Internally short circuited to TCK.
Output
16
Boot-En
Boot ROM enable. This pin is sampled during DSP reset, pulling it low
enables DSP boot ROM (Flash versions only). 47k internal pull up.
Input
17
COM
External 15V supply ground reference. This pin is directly connected to DC -
N/A
20
IEEE1149.1
JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com