Electronic Components Datasheet Search
  English  ▼

X  

PQ1CY1032ZP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ1CY1032ZP
Description  TO-263 Surface Mount Type Chopper Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CY1032ZP Datasheet(HTML) 3 Page - Sharp Corporation

  PQ1CY1032ZP Datasheet HTML 1Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 2Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 3Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 4Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 5Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 6Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 7Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 8Page - Sharp Corporation PQ1CY1032ZP Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PQ1CY1032Z
Fig.5 Switching Current vs. Output
Saturation Voltage
Fig.4 Efficiency vs. Input Voltage
Fig.6 Operating Consumption Current vs.
Input Voltage
Input voltage VIN (V)
50
60
70
80
90
100
0
10203040
5
152535
VO=12V, IO=1A
VO=5V, IO=3A
Tj=25°C
VO=5V, IO=1A
VO=12V, IO=3A
Input voltage VIN (V)
0
5
10
15
0
102030
5
152535
40
Tj=25°C
VO=5V
No load
IO=1A
IO=3A
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
0.25
0.75
1.25
1.75
2
Output saturation voltage VSAT (V)
Tj=25°C
PD : With infinite heat sink
0
5
10
15
20
25
40
30
35
−20
0
255075
85
Ambient temperature Ta (°C)
Note) Oblique line prtion:Overheat protection may operate in this area
Output current IO (A)
0
1
2
3
4
5
6
0123
5
4
4.5
0.5
1.5
2.5
3.5
Ta=25°C
VIN=12V
VO=5V
Shutdown operating
Fig.2 Internal Dissipation vs. Ambient
Temperature
Fig.3 Overcurrent Protection Characteristics
(Typical Value)
Fig.7 Reference Voltage Fluctuation vs.
Junction Temperature
−1.5
−1
0
−0.5
0.5
1
1.5
−25
0
50
100
125
25
75
Junction temperature Tj (°C)
VIN=12V
VO=5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com