Electronic Components Datasheet Search
  English  ▼

X  

AS6C1008 Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS6C1008
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1008 Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS6C1008 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS6C1008 Datasheet HTML 14Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
®
®
32 pin 8mm x 13.4mm sTSOP Package Outline Dimension
1
16
17
32
cL
HD
D
"A"
12° (2x)
12° (2x)
Seating Plane
y
32
17
16
1
L
0
GAUGE PLANE
12° (2X)
12° (2X)
SEATING PLANE
"A" DETAIL VIEW
L1
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.049 (MAX)
1.25 (MAX)
A1
0.005 ±0.002 0.130 ±0.05
A2
0.039 ±0.002 1.00 ±0.05
b
0.008 ±0.01
0.20±0.025
c
0.005 (TYP)
0.127 (TYP)
D
0.465 ±0.004 11.80 ±0.10
E
0.315 ±0.004 8.00 ±0.10
e
0.020 (TYP)
0.50 (TYP)
HD
0.528±0.008
13.40 ±0.20.
L
0.0197 ±0.004 0.50 ±0.10
L1
0.0315 ±0.004 0.8 ±0.10
y
0.003 (MAX)
0.076 (MAX)
Θ
0o~5o
0o~5o
February 2007
128K X 8 BIT LOW POWER CMOS SRAM
AS6C1008
02/February/07, v 1.0
Alliance Memory Inc.
Page 11 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com