Electronic Components Datasheet Search
  English  ▼

X  

AS7C256B Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C256B
Description  5V 32K X 8 CMOS SRAM (Common I/O)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256B Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C256B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256B Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AS7C256B
12/5/06; V.1.0
Alliance Memory
P. 3 of 8
®
Recommended operating conditions
Note:
1 VIL min = –1.5V for pulse width less than 10ns, once per cycle.
DC operating characteristics (over the operating range)1
Notes:
All values are maximum guaranteed values.
fMax = 1/tRC, only address inputs cycling at fMax, f = 0 means that no inputs are cycling.
Capacitance (f = 1MHz, Ta = room temperature, VCC = NOMINAL)
2
Note:
This parameter is guaranteed by device characterization, but is not production tested.
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC+0.5
V
VIL
(1)
-0.5(1)
–0.8
V
Ambient operating temperature (Industrial)
TA
–40
85
oC
Parameter
Symbol
Test conditions
AS7C256B-12
Unit
Min
Max
Input leakage current
|I
LI|
VCC = Max,
Vin = GND to VCC
5
µA
Output leakage current
|I
LO|
VCC = Max, CS = VIH,
VOUT = GND to VCC
5
µA
Operating power supply current
ICC
VCC = Max, CE ≤ VIL
f = fMax, IOUT = 0mA
160
mA
Standby power supply current
ISB
VCC = Max, CE > VIH
f = fMax, IOUT = 0mA
50
mA
ISB1
VCC = Max, CE > VCC–0.2V
VIN < GND + 0.2V or
VIN > VCC–0.2V, f = 0
(2)
15
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
V
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
Vin = 3dV
7
pF
I/O capacitance
CI/O
I/O
Vout = 3dV
7
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com