Electronic Components Datasheet Search
  English  ▼

X  

AS7C513C Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C513C
Description  5 V 32K X 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513C Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C513C Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513C Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AS7C513C
12/5/06, v 1.0
Alliance Memory
P. 3 of 9
®
Recommended operating conditions
Notes:
VIL min = -1.5V for pulse width less than 5ns, once per cycle.
VIH max = VCC+2.0V for pulse width less than 5ns, once per cycle.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Input voltage
VIH
2.2
VCC + 0.5
V
VIL
–0.5
0.8
V
Ambient operating temperature (Industrial)
TA
–40
85
o C
DC operating characteristics (over the operating range)1
Parameter
Sym
Test conditions
AS7C513C-12
Unit
Min
Max
Input leakage current
| I
LI |
VCC = Max,
VIN = GND to VCC
–5
µA
Output leakage current
| I
LO |
VCC = Max, CE = VIH,
VOUT = GND to VCC
–5
µA
Operating power supply current
ICC
VCC = Max,
CE
≤ V
IL, IOUT = 0mA,
f = fMax
210
mA
Standby power supply current
ISB
VCC = Max,
CE
V
IH , f = fMax
–60
mA
ISB1
VCC = Max, CE ≥ VCC–0.2 V,
VIN ≤ 0.2 V or
VIN ≥ VCC–0.2 V, f = 0
–10
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
V
Capacitance (f = 1MHz, Ta = 25 °C, VCC = NOMINAL)
2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE, LB, UB
VIN = 3dV
6
pF
I/O capacitance
CI/O
I/O
VOUT = 3dV
7
pF
Note:
This parameter is guaranteed by device characterization, but is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com