Electronic Components Datasheet Search
  English  ▼

X  

PTH03030W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03030W
Description  30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03030W Datasheet(HTML) 1 Page - Texas Instruments

  PTH03030W Datasheet HTML 1Page - Texas Instruments PTH03030W Datasheet HTML 2Page - Texas Instruments PTH03030W Datasheet HTML 3Page - Texas Instruments PTH03030W Datasheet HTML 4Page - Texas Instruments PTH03030W Datasheet HTML 5Page - Texas Instruments PTH03030W Datasheet HTML 6Page - Texas Instruments PTH03030W Datasheet HTML 7Page - Texas Instruments PTH03030W Datasheet HTML 8Page - Texas Instruments PTH03030W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
For technical support and further information, visit http://power.ti.com
Standard Application
Features
• Up to 30-A Output Current
• 3.3-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 2.5 V)
• 135 W/in³ Power Density
• Efficiencies up to 93 %
• On/Off Inhibit
• Pre-Bias Startup
• Margin Up/Down Controls
• Under-Voltage Lockout
PTH03030W —3.3-V Input
30-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
Rset = Required to set the desired output voltage
higher than 0.8 V (see spec. table for values).
Cin = Required 1,500 µF capacitor.
Cout = Optional 330 µF capacitor.
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Operating Temp: –40 to +85 °C
• Over-Temperature Shutdown
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible
SLTS209B – MAY 2003 – REVISED JANUARY 2004
Description
The PTH03030 is a series of high-
current non-isolated power modules
from Texas Instruments. The product is
characterized by high efficiencies, and
up to 30 A of output current, while oc-
cupying a mere 1.64 in² of PCB area. In
terms of cost, size, and performance, the
series provides OEM’s with a flexible
module that meets the requirements of
the most complex and demanding mixed-
signal applications. These include the
most densly populated, multi-processor
systems that incorporate high-speed
DSP’s, microprocessors, and ASICs.
The series uses double-sided surface
mount construction and provides high-
performance step-down power conversion
from a 3.3-V input bus voltage. The out-
put voltage of the PTH03030W can be
set to any value over the range 0.8 V to
2.5 V, using a single resistor.
This series includes Auto-Track™.
Auto-Track simplifies power-up and
power-down supply voltage sequencing
in a system by enabling modules to track
each other, or any other external voltage.
Each model also includes an on/off
inhibit, output voltage adjust (trim), and
margin up/down controls. An output
voltage sense ensures tight load regulation,
and an output over-current and thermal
shutdown feature provide for protection
against external load faults.
Package options inlude both through-
hole and surface mount configurations.
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2Vin
3
GND
4
Inhibit *
5Vo Adjust
6Vo Sense
7
GND
8Vout
9Vout
10
GND
11
Track
12
Margin Down *
13
Margin Up *
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =
1.37 in x 1.12 in
(34,8 mm x 28,5 mm)
PTH03030W
(Top View)
Margin Up
Margin Down
V
IN
L
O
A
D
C
IN
1,500 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
V
o Sense
Track
1
3
13
12
11
9
7
6
5
4
2
10
8
R
SET
0.5 %, 0.1 W
(Required)


Similar Part No. - PTH03030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03030W TI2-PTH03030W Datasheet
656Kb / 22P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED JANUARY 2004
logo
Artesyn Technologies
PTH03030WAD ARTESYN-PTH03030WAD Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH03030WAD TI2-PTH03030WAD Datasheet
656Kb / 22P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED JANUARY 2004
PTH03030WAD.B TI2-PTH03030WAD.B Datasheet
656Kb / 22P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED JANUARY 2004
logo
Artesyn Technologies
PTH03030WADT ARTESYN-PTH03030WADT Datasheet
206Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results

Similar Description - PTH03030W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com