Electronic Components Datasheet Search
  English  ▼

X  

PTH12030LAST Datasheet(PDF) 12 Page - Texas Instruments

Part # PTH12030LAST
Description  26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12030LAST Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12030LAST Datasheet HTML 8Page - Texas Instruments PTH12030LAST Datasheet HTML 9Page - Texas Instruments PTH12030LAST Datasheet HTML 10Page - Texas Instruments PTH12030LAST Datasheet HTML 11Page - Texas Instruments PTH12030LAST Datasheet HTML 12Page - Texas Instruments PTH12030LAST Datasheet HTML 13Page - Texas Instruments PTH12030LAST Datasheet HTML 14Page - Texas Instruments PTH12030LAST Datasheet HTML 15Page - Texas Instruments PTH12030LAST Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
DESIGNING FOR VERY FAST LOAD TRANSIENTS
FEATURES OF THE PTH FAMILY OF NON-ISOLATED WIDE OUTPUT ADJUST POWER
POLA ™COMPATIBILITY
PTH12030W/L
SLTS211F – MAY 2003 – REVISED FEBRUARY 2007
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the specification table using the optional
value of output capacitance. As the di/dt of a transient is increased, the response of a converter’s regulation
circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with any dc/dc
converter once the speed of the transient exceeds its bandwidth capability. If the target application specifies a
higher di/dt or lower voltage deviation, the requirement can only be met with additional output capacitor
decoupling. In these cases special attention must be paid to the type, value, and ESR of the capacitors selected.
If the transient performance requirements exceed that specified in this data sheet, or the total amount of load
capacitance is above 3,000 µF, the selection of output capacitors becomes more important.
MODULES
The PTH/PTV family of nonisolated, wide-output adjustable power modules are optimized for applications that
require a flexible, high performance module that is small in size. Each of these products are POLA™ compatible.
POLA compatible products are produced by a number of manufacturers, and offer customers advanced,
nonisolated modules with the same footprint and form factor. POLA parts are also assured to be interoperable,
thereby providing customers with a second-source availability.
From the basic, Just Plug it In functionality of the 6-A modules, to the 30-A rated feature-rich PTHxx030, these
products were designed to be very flexible, yet simple to use. The features vary with each product. Table 5
provides a quick reference to the features by product series and input bus voltage.
Table 5. Operating Features by Series and Input Bus Voltage
Series
Input Bus
IO
Adjust
On/Off
Over-
Prebias
Auto-
Margin
Output
Thermal
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
3.3 V
6 A
•
•
•
•
•
PTHxx050
5 V
6 A
•
•
•
•
•
12 V
6 A
•
•
•
•
•
3.3 V / 5 V
10 A
•
•
•
•
•
•
•
PTHxx060
12 V
8 A
•
•
•
•
•
•
•
3.3 V / 5 V
15 A
•
•
•
•
•
•
•
PTHxx010
12 V
12 A
•
•
•
•
•
•
•
5 V
8 A
•
•
•
•
•
•
PTVxx010
12 V
8 A
•
•
•
•
•
•
•
3.3 V / 5 V
22 A
•
•
•
•
•
•
•
•
PTHxx020
12 V
18 A
•
•
•
•
•
•
•
•
5 V
18 A
•
•
•
•
•
•
•
PTHxx020
12 V
16 A
•
•
•
•
•
•
•
3.3 V/ 5 V
30 A
•
•
•
•
•
•
•
•
PTHxx030
12 V
26 A
•
•
•
•
•
•
•
•
For simple point-of-use applications, the PTH12050 (6 A) provides operating features such as an on/off inhibit,
output voltage trim, prebias start-up and overcurrent protection. The PTH12060 (10 A), and PTH12010 (12 A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTH12020 (18
A) and PTH12030 (26 A) products incorporate overtemperature shutdown protection.
The PTV12010 and PTV12020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings.
All of the products referenced in Table 5 include Auto-Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com