Electronic Components Datasheet Search
  English  ▼

X  

PTV08040W Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTV08040W
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV08040W Datasheet(HTML) 3 Page - Texas Instruments

  PTV08040W Datasheet HTML 1Page - Texas Instruments PTV08040W Datasheet HTML 2Page - Texas Instruments PTV08040W Datasheet HTML 3Page - Texas Instruments PTV08040W Datasheet HTML 4Page - Texas Instruments PTV08040W Datasheet HTML 5Page - Texas Instruments PTV08040W Datasheet HTML 6Page - Texas Instruments PTV08040W Datasheet HTML 7Page - Texas Instruments PTV08040W Datasheet HTML 8Page - Texas Instruments PTV08040W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTV08040W
SLTS257A – SEPTEMBER 2005 – REVISED JANUARY 2007
T
A = 25°C, VI = 12 V, VO = 3.3 V, CI = 560 µF, CO = 150 µF, and IO = IOmax (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
25
°C, Natural Convection
0
50(1)
IO
Output current
8 V
≤ V
I ≤ 14 V
A
60
°C, 200 LFM airflow
0
48(1)
VI
Input voltage range
Over IO range
8
14
V
VOtol
Set-point voltage tolerance
±2(2)
%VO
∆Reg
temp
Temperature variation
–40
°C < T
A < 85°C
±0.5
%VO
∆Reg
line
Line regulation
Over VI range
±3
mV
∆Reg
load
Load regulation
Over IO range
±3
mV
∆Reg
tot
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A ≤ 85°C
±3(2)
%VO
∆Reg
adj
Output adjust range
0.8
3.6
V
RSET = 2.49 kΩ, VO = 3.3 V
95
RSET = 6.98 kΩ, VO = 2.5 V
93
RSET = 13.0 kΩ, VO = 2 V
92
RSET = 16.9 kΩ, VO = 1.8 V
91
η
Efficiency
IO = 35 A
%
RSET = 27.4 kΩ, VO = 1.5 V
90
RSET = 53.6 kΩ, VO = 1.2 V
88
RSET = 113.0 kΩ, VO = 1 V
86
RSET = open circuit, VO = 0.8 V
82
VO ripple (peak-to-peak)
20-MHz bandwidth
All voltages
15
mVPP
IOtrip
Overcurrent threshold
Reset, followed by auto-recovery
75
100
115
A
Transient response
1 A/µs load step, 50 to 100% IOmax, CO = 150 µF
trr
Recovery time
50
µs
∆V
tr
VO over/undershoot
140
mV
IILtrack
Track input current (pin 15)
Pin to GND
–0.13 (3)
mA
dVtrack/dt
Track slew rate capability
CO ≤ CO(max)
1
V/ms
VI Increasing
7.5(4)
7.8
UVLO
Undervoltage lockout threshold
Pin 16 open
V
VI Decreasing
6
6.5(4)
Inhibit control (pin 16)
Referenced to GND
VIH
Input high voltage
2.5
Open(5)
V
VIL
Input low voltage
–0.2
0.5
IILinhibit
Input low current
Pin to GND
0.5
mA
IIinh
Input standby current
Pin 16 to GND
35
mA
f s
Switching frequency
Over VI and IO ranges
900
1050
1200
kHz
CI
External input capacitance
560(6)
µF
Nonceramic
0
14,000(7)
Capacitance value
µF
CO
External output capacitance
Ceramic
150(8)
750
Equivalent series resistance (nonceramic)
3(9)
m
Ω
2.7
MTBF
Reliability
Per Bellcore TR-332 50% stress, TA = 40°C, ground benigh
106 Hrs
(1)
See SOA curves or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance of RSET. The stated limit is unconditionally met if RSET has a tolerance of 1%
with 100 ppm/
°C or better temperature stability.
(3)
This control pin has an internal pull-up to 5 V. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is
recommended to control this pin. For further information, see the related application section.
(4)
These are the default voltages. They may be adjusted using the UVLO Prog control input. See the Application Information section for
further guidance.
(5)
This control pin has an internal pull-up to 5 V. When left open-circuit the module operates when input power is applied. A small,
low-leakage (<100 nA) MOSFET is recommended to control this pin. For further information, see the related application section.
(6)
A minimum capacitance of 560-µF is required at the input for proper operation. For best results, 1000 µF is recommended. The
capacitance must be rated for a minimum of 300 mArms of ripple current.
(7)
This is the calculated maximum. The minimum ESR requirement often results in a lower value. For further information, see the related
application section.
(8)
A minimum value of output capacitance is required for proper operation. Adding additional capacitance at the load further improves
transient response.
(9)
This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 5 m
Ω as the minimum when using manufacturer's
max-ESR values to calculate.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com