Electronic Components Datasheet Search
  English  ▼

X  

PVD13N Datasheet(PDF) 1 Page - International Rectifier

Part # PVD13N
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD13N Datasheet(HTML) 1 Page - International Rectifier

  PVD13N Datasheet HTML 1Page - International Rectifier PVD13N Datasheet HTML 2Page - International Rectifier PVD13N Datasheet HTML 3Page - International Rectifier PVD13N Datasheet HTML 4Page - International Rectifier PVD13N Datasheet HTML 5Page - International Rectifier PVD13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet No. PD10052-D
Series PVD13N
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open
0-100V DC, 550mA
General Description
The PVD13 Series DC Relay (PVD) is a single-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFET as the output
switch, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED), which is optically isolated from the
photovoltaic generator.
The PVD13 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package. These advantages
allow
product
improvement and design innovations in many
applications such as process control, multiplexing,
automatic test equipment and data acquisition.
The PVD13 can switch analog signals from
thermocouple level to 100 Volts peak DC. Signal
frequencies into the RF range are easily controlled
and switching rates up to 450Hz are achievable. The
extremely small thermally generated offset voltages
allow increased measurement accuracies.
These relays are packaged in 8-pin, molded DIP
packages and available with either thru-hole or
surface-mount (“gull-wing”) leads, in plastic shipping
tubes.
Applications
§
Process Control
§
Data Acquisition
§
Test Equipment
§
Multiplexing and Scanning
Features
§
Bounce-Free Operation
§
1010 Off-State Resistance
§
1,000 V/
µsec dv/dt
§
5 mA Input Sensitivity
§
4,000 V
RMS I/O Isolation
§
Solid-State Reliability
§
UL Recognized
§
ESD Tolerance:
4000V Human Body Model
500V Machine Model
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVD1352N
PVD1354N
thru-hole
PVD1352NS
PVD1354NS
surface-mount
(gull-wing)
www.irf.com
1


Similar Part No. - PVD13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVD13NPBF IRF-PVD13NPBF Datasheet
222Kb / 7P
Bounce-Free Operation
PVD13NPBF IRF-PVD13NPBF_15 Datasheet
222Kb / 7P
Bounce-Free Operation
More results

Similar Description - PVD13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVD13NPBF IRF-PVD13NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com