Electronic Components Datasheet Search
  English  ▼

X  

QMR1 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # QMR1
Description  QM Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QMR1 Datasheet(HTML) 3 Page - rfsolutions.ltd

  QMR1 Datasheet HTML 1Page - rfsolutions.ltd QMR1 Datasheet HTML 2Page - rfsolutions.ltd QMR1 Datasheet HTML 3Page - rfsolutions.ltd QMR1 Datasheet HTML 4Page - rfsolutions.ltd QMR1 Datasheet HTML 5Page - rfsolutions.ltd QMR1 Datasheet HTML 6Page - rfsolutions.ltd QMR1 Datasheet HTML 7Page - rfsolutions.ltd QMR1 Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ds302_3
AUG 01
©
©2001 REG No 277 4001 England
Page 3
QM Receiver Module
QMR1 / QMR2
QMR1 Details
QMR1
1
2
3
4
5
6
7
Figure 1: QMR1 Receiver
Pin Description:
Vcc ( PIN 1 )
+Ve supply pin. Operation from a 5V supply able
to source 2mA at less than 10mVP-P ripple.
GND ( PIN 2 )
Supply ground connection, preferably connected
to a solid ground plane.
RF IN ( PIN 3 )
50
Ω RF input from antenna, connect using
shortest possible route. Capacitively isolated from
internal circuit.
UNCONNECTED ( PINS 4 & 5 )
Extra SIL pins for additional mechanical retention.
RSSI ( PIN 6 )
Test output providing a voltage that is proportional
to the level of the RF input on pin 3.
DATA OUT ( PIN 7 )
CMOS compatible output. This may be used to
drive
external
decoders.
Note:
sink/source
capability is limited to 20
µA.
General Information
Phase
Lock
Loop
RF
AMP
Band Pass
Filter
IF
AMP
Low Pass
Filter
Detector
Antenna
Mixer
Figure 2: Receiver Block Diagram
The
receiver module is a quasi AM /FM (QM)
superhet receiver capable of handling data rates
of up to 10Kbits/s. With an on board data buffer
and phase locked loop a –110 dBm sensitivity is
achieved.
Utilising the quasi AM/FM modulation technique
and
the
latest
phase
locked
loop
receiver
technology with one of the compatible transmitter
modules will yield a highly efficient wireless link.
Note:
Because of the way Quasi Modulation
operates the QMR1 and the QFMT1 will not work
reliably in close proximity to each other.
RSSI Values
RF Level (dBm) pin 3
RSSI (volts) pin 6
-110
2.12
-100
2.21
-90
2.31
-80
2.46
-70
2.62
-60
2.80
-50
2.91
-40
2.97
-30
3.00
-20
3.03
-10
2.88



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com