Electronic Components Datasheet Search
  English  ▼

X  

BDW83 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # BDW83
Description  NPN SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BDW83 Datasheet(HTML) 2 Page - Power Innovations Ltd

  BDW83 Datasheet HTML 1Page - Power Innovations Ltd BDW83 Datasheet HTML 2Page - Power Innovations Ltd BDW83 Datasheet HTML 3Page - Power Innovations Ltd BDW83 Datasheet HTML 4Page - Power Innovations Ltd BDW83 Datasheet HTML 5Page - Power Innovations Ltd BDW83 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDW83, BDW83A, BDW83B, BDW83C, BDW83D
NPN SILICON POWER DARLINGTONS
2
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
† Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = 30 mA
IB = 0
(see Note 5)
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
45
60
80
100
120
V
ICEO
Collector-emitter
cut-off current
VCE = 30 V
VCE = 30 V
VCE = 40 V
VCE = 50 V
VCE = 60 V
IB = 0
IB = 0
IB = 0
IB = 0
IB = 0
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
1
1
1
1
1
mA
ICBO
Collector cut-off
current
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
VCB = 45 V
VCB = 60 V
VCB = 80 V
VCB = 100 V
VCB = 120 V
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
IE = 0
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
TC = 150°C
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
BDW83
BDW83A
BDW83B
BDW83C
BDW83D
0.5
0.5
0.5
0.5
0.5
5
5
5
5
5
mA
IEBO
Emitter cut-off
current
VEB =
5 V
IC = 0
2
mA
hFE
Forward current
transfer ratio
VCE =
3 V
VCE =
3 V
IC = 6 A
IC = 15 A
(see Notes 5 and 6)
750
100
20000
VBE(on)
Base-emitter
voltage
VCE =
3 V
IC = 6 A
(see Notes 5 and 6)
2.5
V
VCE(sat)
Collector-emitter
saturation voltage
IB =
12 mA
IB = 150 mA
IC = 6 A
IC = 15 A
(see Notes 5 and 6)
2.5
4
V
VEC
Parallel diode
forward voltage
IE =
15 A
IB = 0
3.5
V
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
0.83
°C/W
RθJA
Junction to free air thermal resistance
35.7
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS †
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = 10 A
VBE(off) = -4.2 V
IB(on) = 40 mA
RL = 3 Ω
IB(off) = -40 mA
tp = 20 µs, dc ≤ 2%
0.9
µs
toff
Turn-off time
7
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com