Electronic Components Datasheet Search
  English  ▼

X  

231 Datasheet(PDF) 1 Page - France Joint

Part # 231
Description  ROD SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

231 Datasheet(HTML) 1 Page - France Joint

  231 Datasheet HTML 1Page - France Joint 231 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Diameter
of the rod
Ød1
Radial gap
F/2
≤ 5 MPa
≤ 10 MPa
≤ 20 MPa
≤ 30 MPa
≤ 40 MPa
≤ 60 mm
0.40
0.30
0.20
0.15
0.10
> 60 mm
0.50
0.40
0.30
0.20
0.15
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
3.50
0.20
0.40
2.00
4.00
0.20
0.60
2.50
5.00
0.20
1.00
2.50
7.50
0.20
1.00
4.00
12.50
0.20
1.30
6.00
20.00
0.20
1.80
8.00
|
DESCRIPTION
The BECA 231 profile is a U-ring
type single acting rod seal with
offset polyurethane lips. It can be
assembled in a groove according
to standard ISO 5597.
|
ADVANTAGES
Optimised sealing effect at both
high and low pressures
Excellent abrasion and
extrusion resistance
Assembly by deformation
in closed groove
|
APPLICATIONS
Mobile hydraulics
Injection presses
Machine tools
Presses
Hydraulic cylinders
|
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
Other grades of materials are available.
Please contact our experts.
|
|
TECHNICAL DATA
Temperature
-30°C / +110°C
Pressure
40 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA 231
HYDRAULIC SEALS | ROD SEALS |
BECA 231


Similar Part No. - 231

ManufacturerPart #DatasheetDescription
logo
Littelfuse
231 LITTELFUSE-231 Datasheet
70Kb / 2P
MINIATURE FUSES - 6.3x32 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
6.3x32 mm MINIATURE FUSES
logo
Marl International Limi...
231 MARL-231 Datasheet
283Kb / 5P
Direct replacement for BA15s
logo
3M Electronics
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
logo
Marquardt Management SE
231 009 011 MARQUARDT-231 009 011 Datasheet
547Kb / 5P
SERIES 1004 / 1005 / 1006 - ENCLOSED SNAP ACTION SWITCHES
More results

Similar Description - 231

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com