Electronic Components Datasheet Search
  English  ▼

X  

239 Datasheet(PDF) 1 Page - France Joint

Part # 239
Description  ROD SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

239 Datasheet(HTML) 1 Page - France Joint

  239 Datasheet HTML 1Page - France Joint 239 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
EXTRUSION GAPS
Pressure
MPa
Radial gap
F/2
10 MPa
0.25
15 MPa
0.20
20 MPa
0.15
25 MPa
0.10
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
4.00
0.20
0.40
2.00
5.00
0.40
0.70
2.50
6.00
0.70
1.10
3.00
7.50
0.80
1.10
4.00
10.00
1.00
1.10
5.00
|
DESCRIPTION
The BECA 239 profile is a U-ring
type single acting rod seal with
offset lips composed of a profiled
rubber seal and a bronze-filled
PTFE back-up ring on the back.
|
ADVANTAGES
Optimised sealing effect at
average and higher pressures
Good extrusion resistance
|
APPLICATIONS
Mobile hydraulics
Material handling - Lifting
Hydraulic cylinders
|
MATERIALS
Profiled seal
NBR 85 Shore A
Back-up ring
Bronze-filled PTFE
Other grades of materials are available.
Please contact our experts.
|
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
25 MPa
Speed
0.5 m/sec
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
ROD SEALS
BECA 239
HYDRAULIC SEALS | ROD SEALS |
BECA 239


Similar Part No. - 239

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
WAGO Kontakttechnik Gmb...
239 WAGO-239 Datasheet
1Mb / 1P
Modular Terminal Blocks with Screw-Clamp Connection,Pin Spacing 10 mm / 0.394 in; Series 239
logo
Walther-Werke
239 WALTHER-239 Datasheet
1Mb / 2P
Plugs IP 44 and IP 67
logo
Littelfuse
239 LITTELFUSE-239 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
239 ADAFRUIT-239 Datasheet
75Kb / 1P
Full sized breadboard
5-5-17
More results

Similar Description - 239

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com