Electronic Components Datasheet Search
  English  ▼

X  

SI3215 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI3215
Description  PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI3215 Datasheet HTML 9Page - Silicon Laboratories SI3215 Datasheet HTML 10Page - Silicon Laboratories SI3215 Datasheet HTML 11Page - Silicon Laboratories SI3215 Datasheet HTML 12Page - Silicon Laboratories SI3215 Datasheet HTML 13Page - Silicon Laboratories SI3215 Datasheet HTML 14Page - Silicon Laboratories SI3215 Datasheet HTML 15Page - Silicon Laboratories SI3215 Datasheet HTML 16Page - Silicon Laboratories SI3215 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Si3215
Rev. 0.92
13
Table 8. Power Supply Characteristics
(VDDA, VDDD = 3.13 V to 5.25 V, TA = 0 to 70 °C for K-Grade, –40 to 85 °C for B-Grade)
Parameter
Symbol
Test Condition
Typ1
Typ2
Max
Unit
Power Supply Current,
Analog and Digital
IA + ID
Sleep (RESET = 0)
0.1
0.13
0.3
mA
Open
33
42.8
49
mA
Active on-hook
ETBO = 4 mA, codec and Gm
amplifier powered down
37
53
68
mA
Active OHT
ETBO = 4 mA
57
72
83
mA
Active off-hook
ETBA = 4 mA, ILIM = 20 mA
73
88
99
mA
Ground-start
36
47
55
mA
Ringing
Sinewave, REN = 1, VPK = 56 V
45
55
65
mA
VDD Supply Current (Si3201)
IVDD
Sleep mode, RESET = 0
—
100
—
µA
Open (high impedance)
—
100
—
µA
Active on-hook standby
—
110
—
µA
Forward/reverse active off-hook, no
ILOOP, ETBO = 4 mA, VBAT =–24 V
—1—
mA
Forward/reverse OHT, ETBO = 4 mA,
VBAT =–70 V
—1—
mA
VBAT Supply Current3
IBAT
Sleep (RESET =0)
—
0
—
mA
Open (DCOF = 1)
—
0
—
mA
Active on-hook
VOC = 48 V, ETBO = 4 mA
—
3
—
mA
Active OHT
ETBO = 4 mA
—
11
—
mA
Active off-hook
ETBA = 4 mA, ILIM =20mA
—
30
—
mA
Ground-start
—
2
—
mA
Ringing
VPK_RING =56 VPK,
sinewave ringing, REN = 1
—5.5
—
mA
VBAT Supply Slew Rate
When using Si3201
—
—
10
V/
µs
Notes:
1. VDDD, VDDA =3.3 V.
2. VDDD, VDDA =5.25V.
3. IBAT = current from VBAT (the large negative supply). For a switched-mode power supply regulator efficiency of 71%,
the user can calculate the regulator current consumption as IBAT x VBAT/(0.71 x VDC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com