Electronic Components Datasheet Search
  English  ▼

X  

EX16 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # EX16
Description  Elevator Control Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

EX16 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  EX16 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. EX16 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZKTECO CO.,LTD.
ZK Mansion, Wuhe Rd, Gangtou, Bantian, Buji Town,
Longgang District, Shenzhen China 518129
Tel: 86-755-8960 2345/46/47/48
E-mail: sales@zkteco.com
www.zkteco.com
Global Offices:
USA: + 1 732-412-6007
EU: +34 916532891
Brazil: +55 31 2515-8326
Thailand: +66-027199154
Mexico: +52-55-52928418
South Africa: +27 12 259 1047
Egypt: +201110444134
Dubai: +971 4 6091 310
India: +91 8123536788
Indonesia: +62 21 2921 8949
Vietnam : +84-0169-5813007
Philippines: +63 9084118832
Russia: +8 915 178-46-81
© Copyright 2023. ZKTECO CO.,LTD. ZKTeco Logo is a registered trademark of ZKTeco or a related company. All other product and company names mentioned are
used for identification purposes only and may be the trademarks of their respective owners. All specifications are subject to change without notice. All rights reserved.
Specifications
Configuration
Optional Accessories
PC
HUB
FR1200
ZK4500
RS485
USB Client
Software Application
EC10
Max 3 Pieces EX16
EX16
FR1200
RFID Reader
ZK4500
ZK8500R
* Note: RS485 is for RS485 readers.
EC10
Floor Button Control Relay 10
Fingerprint Capacity 3000
RFID Card Capacity 30,000
Event Capacity 100,000
Power Supply 12V DC 1A
Communication to PC TCP/IP, RS485*
Communication to EX16 RS485
Number of supported EX16 3
Dimension(L×D×H) 242mm×95mm×60mm
Net weight 0.8Kg
EX16
Floor Button Control Relay 16
Communication to EC10 RS485
RS485 address Set by DIP switch
Power Supply 12V DC 1A
Dimension (L×D×H) 160mm×106mm
Net weight 0.2Kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com