Electronic Components Datasheet Search
  English  ▼

X  

340 Datasheet(PDF) 3 Page - France Joint

Part # 340
Description  ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

340 Datasheet(HTML) 3 Page - France Joint

  340 Datasheet HTML 1Page - France Joint 340 Datasheet HTML 2Page - France Joint 340 Datasheet HTML 3Page - France Joint 340 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.francejoint.com
R1
L1
H1
H1
30°
BECA 349
BECA 340
|
|
INSTALLATION DIMENSIONS
Series
Rod
diameter
Ød1 h9
Groove diameter
Groove width
Radial section
Step height
Standard range
Extended range
ØD1 H9
L1 0/+0.20
S
ØD1 - A
340.0*
3.0 - 9.9
3.0 - 40.0
d1 + 2.90
2.40
1.45
0.4
340.1
10.0 - 19.9
6.0 - 200.0
d1 + 4.50
3.60
2.25
0.6
340.2
20.0 - 39.9
10.0 - 400.0
d1 + 6.20
4.80
3.10
0.7
340.3
40.0 - 119.9
20.0 - 700.0
d1 + 9.40
7.10
4.70
0.8
340.4
120.0 - 629.9
35.0 - 999.9
d1 + 12.20
9.50
6.10
0.9
340.5
630.0 - 999.9
80.0 - 999.9
d1 + 19.00
15.00
9.50
0.9
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (groove/rod) or selecting other, more suitable materials. Please
contact our experts.
*Only BECA 340.0 profiles are fitted with an O'Ring instead of a V-spring.
* The codes that define the materials are set out in the materials table on the previous page.
|
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : 60% Bronze-filled PTFE profiled seal- Code DB
________________ : Stainless steel V-Shaped spring - Code I
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 59.40 mm
Part number______ : 340. 3050DBI
Family
Rod diameter
Profiled seal material*
V-Shaped spring material*
340.3.
050
DB
I
Part number -
HYDRAULIC SEALS | ROD SEALS |
BECA 340 - 349



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com