Electronic Components Datasheet Search
  English  ▼

X  

417 Datasheet(PDF) 1 Page - France Joint

Part # 417
Description  WIPER SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

417 Datasheet(HTML) 1 Page - France Joint

  417 Datasheet HTML 1Page - France Joint 417 Datasheet HTML 2Page - France Joint 417 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 417 profile is a stepped
double acting wiper seal composed
of two rubber wiping lips.
ADVANTAGES
Low friction
Good wiping effect, both
internally and externally
Easy assembly by deformation
APPLICATIONS
Agriculture
Mobile machinery
Material handling - Lifting
Hydraulic cylinders
MATERIALS
NBR 90 Shore A
FKM 90 Shore A
Other grades of materials are available.
Please contact our experts.
TECHNICAL DATA
Temperature
-30°C / +200°C
Speed
1 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
CHAMFER
The chamfer length as well as the chamfer angle are determined by the rod seal.
WIPER SEALS
BECA 417
HYDRAULIC SEALS | WIPER SEALS |
BECA 417


Similar Part No. - 417

ManufacturerPart #DatasheetDescription
logo
Littelfuse
417 LITTELFUSE-417 Datasheet
50Kb / 2P
SURFACE MOUNT FUSES
logo
Keystone Electronics Co...
417 KEYSTONE-417 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
4170 ETC2-4170 Datasheet
253Kb / 1P
STANDARD BINDING POST STRIP
logo
Heyco.
4170 HEYCO-4170 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
4170 ADAFRUIT-4170 Datasheet
717Kb / 2P
GPIO Ribbon Cable 2x8 IDC Cable - 16 pins 12" long
5-7-19
More results

Similar Description - 417

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
WIPER CONTROLLER
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
2350 ETC2-2350 Datasheet
134Kb / 2P
TechClean Wiper
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Hongfa Technology
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
WIPER CONTROLLER
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com