Electronic Components Datasheet Search
  English  ▼

X  

BYV44-500 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYV44-500
Description  Fast Recovery DiodeDiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYV44-500 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYV44-500 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYV44-500 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery DiodeDiode
BYV44-500
www.iscsemi.com
1
FEATURES
·
Low forward volt drop
·
Fast switching
·
Soft recovery characteristic
APPLICATIONS
·
Switching power supply
·
DC/DC converter
·
Home Appliances,Office Equipment.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse
Voltage Working Peak Reverse
Voltage DC Blocking Voltage
500
V
IF(AV)
Average Rectified Forward Current per diode
(Rated VR-20Khz Square Wave) - 50% duty cycle
30
A
IFRM
Repetitive peak forward current per diode
30
A
IFSM
Non-repetitive peak forward current per diode
t = 10 ms
150
A
TJ
Max.Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case per diode
2.4
℃
/W


Similar Part No. - BYV44-500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV44-500 PHILIPS-BYV44-500 Datasheet
45Kb / 5P
Dual rectifier diodes ultrafast
October 1998 Rev 1.400
More results

Similar Description - BYV44-500

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
Fast Recovery Fast Recovery
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FKBP200 EIC-FKBP200_09 Datasheet
106Kb / 2P
FAST RECOVERY
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
Fast Recovery
1997-03-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com