Electronic Components Datasheet Search
  English  ▼

X  

PT2256 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2256
Description  Electronic Volume Controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2256 Datasheet HTML 2Page - Princeton Technology Corp PT2256 Datasheet HTML 3Page - Princeton Technology Corp PT2256 Datasheet HTML 4Page - Princeton Technology Corp PT2256 Datasheet HTML 5Page - Princeton Technology Corp PT2256 Datasheet HTML 6Page - Princeton Technology Corp PT2256 Datasheet HTML 7Page - Princeton Technology Corp PT2256 Datasheet HTML 8Page - Princeton Technology Corp PT2256 Datasheet HTML 9Page - Princeton Technology Corp PT2256 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256 V1.7
- 6 -
August, 2006
Electronic Volume Controller IC
PT2256
DC OUTPUT FOR VOLUME LEVEL
The DC Output for the Volume Level Meter is internally connected to the D/A Converter. PT2256 has 8
stages of output voltage with each stage corresponding to a particular volume level. Please refer to the
table below:
Step
Attenuation (dB)
Output Voltage (V)
0-3
0-6
7/8 VDD
4-7
8-14
6/8 VDD
8-11
16-22
5/8 VDD
12-15
24-30
4/8 VDD
16-19
32-38
3/8 VDD
20-23
40-50
2/8 VDD
24-27
54-66
1/8 VDD
28-31
70-∞
0
UP/DOWN VOLUME CONTROL
PT2256 features two Volume Control Pins, namely: UP and DN. UP is the control pin used to increase
volume level while the DN is the control pin used to decrease the volume level. Thus, volume level may
regulated using the Up or Down Keys. These keys are operated on a 1 step/1 push volume level
control when UP or DN keys are set to “L” Level. If the keys are continuously pressed (input “Low”),
then the volume level continuously steps up or down as the case maybe. Please refer to the diagram
below for the timing of the key input.
tT
a
/UP, /DN Input
Volume Level
Control
Notes:
1. t= Preventive Time for Chattering (2.2 x 1/fosc )
2. T= Switching Time to Automatic Mode (10 x 1/fosc)
3. a=Up, Down Speed (2x1/fosc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com