Electronic Components Datasheet Search
  English  ▼

X  

467 Datasheet(PDF) 1 Page - France Joint

Part # 467
Description  WIPER SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

467 Datasheet(HTML) 1 Page - France Joint

  467 Datasheet HTML 1Page - France Joint 467 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 467 profile is a stepped
compact single acting wiper seal
composed of a polyurethane wiping
lip and a diagonally cut back. It can
be assembled in a groove in line
with standard ISO 6195 type A.
ADVANTAGES
Excellent abrasion and wear resistance
Good external wiping effect
Easy assembly by deformation
APPLICATIONS
Agriculture
Mobile machinery
Material handling - Lifting
Hydraulic cylinders
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 93 Shore A - Beige
Other grades of materials are available.
Please contact our experts.
TECHNICAL DATA
Temperature
-30°C / +110°C
Speed
1 m/s
Media
Mineral hydraulic oils
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
CHAMFER
The chamfer length as well as the chamfer angle are determined by the rod seal.
WIPER SEALS
BECA 467
HYDRAULIC SEALS | WIPER SEALS |
BECA 467


Similar Part No. - 467

ManufacturerPart #DatasheetDescription
logo
Littelfuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
467 LITTELFUSE-467 Datasheet
839Kb / 3P
Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Revised: January 10, 2012
logo
Walther-Werke
467 WALTHER-467 Datasheet
958Kb / 2P
Sockets IP 44
logo
Molex Electronics Ltd.
467-674 MOLEX-467-674 Datasheet
27Kb / 1P
Euromod Modular Outlets - Copper and Fibre
logo
List of Unclassifed Man...
4670 ETC-4670 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
More results

Similar Description - 467

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
WIPER CONTROLLER
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
2350 ETC2-2350 Datasheet
134Kb / 2P
TechClean Wiper
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Hongfa Technology
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
WIPER CONTROLLER
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com