Electronic Components Datasheet Search
  English  ▼

X  

PT2257 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2257
Description  Electronic Volume Controller IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2257 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2257 Datasheet HTML 9Page - Princeton Technology Corp PT2257 Datasheet HTML 10Page - Princeton Technology Corp PT2257 Datasheet HTML 11Page - Princeton Technology Corp PT2257 Datasheet HTML 12Page - Princeton Technology Corp PT2257 Datasheet HTML 13Page - Princeton Technology Corp PT2257 Datasheet HTML 14Page - Princeton Technology Corp PT2257 Datasheet HTML 15Page - Princeton Technology Corp PT2257 Datasheet HTML 16Page - Princeton Technology Corp PT2257 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2257 V1.3
- 13 -
December, 2006
Electronic Volume Controller IC
PT2257
PT2257 THD VS FREQUENCY RESPONSE AT VARIOUS OUTPUT
LEVELS
(Conditions: Rload=10K, Volume Att=0dB, No-weighted)
Vout=2.5 Vrms
0.001
1
0.01
0.1
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Note: From top to bottom: Vout=2.5Vrms, 1Vrms, 200mVrms
PT2257 INTERCHANNEL CROSSTALK
(Conditions: Rload=10K, Volume Att=0dB)
-150
+0
-100
-50
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
%
Vout=1Vrms
Vout=200m Vrms
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com