Electronic Components Datasheet Search
  English  ▼

X  

LT3073 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3073
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3073 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3073 Datasheet HTML 25Page - Analog Devices LT3073 Datasheet HTML 26Page - Analog Devices LT3073 Datasheet HTML 27Page - Analog Devices LT3073 Datasheet HTML 28Page - Analog Devices LT3073 Datasheet HTML 29Page - Analog Devices LT3073 Datasheet HTML 30Page - Analog Devices LT3073 Datasheet HTML 31Page - Analog Devices LT3073 Datasheet HTML 32Page - Analog Devices LT3073 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
29 of 62
APPLICATIONS INFORMATION
The LT3074 is a low voltage, ultralow noise, and ultrafast transient response linear regulator. The device supplies up
to 3A with a typical dropout voltage of 45mV. A 4.7µF reference bypass capacitor (placed at the SETCAP pin)
decreases output voltage noise to 1.2μVRMS. The LDO’s wide bandwidth and high power supply rejection ratio (PSRR)
permit the use of small ceramic capacitors, saving bulk capacitance and cost. The LT3074 is ideal for high-
performance field programmable gate arrays (FPGAs), microprocessors, radio frequency (RF) communication, and
noise-sensitive supply applications.
Designed as a precision current source followed by a high-performance unity gain amplifier, the LT3074 can be easily
paralleled to further reduce noise, increase output current, and spread heat on the PCB. The LT3074 also
incorporates a VIOC tracking function to control an upstream switching converter to maintain constant voltage
across the LT3074’s power device, thus minimizing power dissipation. The LT3074 additionally features
programmable current limit, fast start-up capability, and programmable power good.
The LT3074 supports PMBus compliant serial interface for control, telemetry, and fault reporting that can operate at
any frequency between 10kHz and 400kHz. The serial interface supports the send byte, read byte, write byte, read
word, write word, and read block communication protocols, as defined in the PMBus specification. Table 6 gives a
list of all PMBus commands supported by the LT3074. Table 7 gives a description of the data formats.
Table 6. Supported PMBus Commands
COMMAND (CMD)
NAME
CMD
CODE
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
PAGE
0x00
Provides integration with multipage
PMBus devices
R/W Byte
Reg
0xFF
OPERATION
0x01
Operating mode control. On/off,
margin high and margin low
R/W Byte
Reg
0x84
ON_OFF_CONFIG
0x02
PMBus on/off command configuration
R/W Byte
Reg
0x1F
CLEAR_FAULTS
0x03
Clears any fault bits that are set
Send Byte
0x00
WRITE_PROTECT
0x10
Level of protection provided by the
device against accidental writes to
registers
R/W Byte
Reg
0x00
CAPABILITY
0x19
Summary of PMBus optional
communication protocols supported
by the device
R Byte
Reg
0xB0
VOUT_MODE
0x20
Output voltage format and exponent
(2−13)
R Byte
Reg
0x13
VOUT_OV_WARN_LIMIT
0x42
Output overvoltage warning limit
R/W Word
L16
0xA000
(5)
VOUT_UV_WARN_LIMIT
0x43
Output undervoltage warning limit
R/W Word
L16
0x0000
IOUT_OC_FAULT_LIMIT
0x46
Output current limit
R/W Word
L11
0xC34D
(3.3)
IOUT_OC_FAULT_RESP
ONSE
0x47
Action taken by the device in the event
of a current limit fault
R Byte
Reg
0x00
OT_WARN_LIMIT
0x51
Overtemperature warning limit
R/W Word
L11
0xF258
(150)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com