Electronic Components Datasheet Search
  English  ▼

X  

EGA2000-850-W Datasheet(PDF) 19 Page - OSRAM GmbH

Part # EGA2000-850-W
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

EGA2000-850-W Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button EGA2000-850-W Datasheet HTML 15Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 16Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 17Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 18Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 19Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 20Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 21Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 22Page - OSRAM GmbH EGA2000-850-W Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Document Feedback
EGA2000-850-W
Soldering & Storage Information
Datasheet
• PUBLIC
DS000697
• v2-00 • 2023-Apr-04
24
│ 18
9
Soldering & Storage Information
9.1
Soldering Information
The EGA2000-850-W modules have been tested for lead-free solder reflow compatibility with peak
temperatures up to 260 °C.
Although an example reflow profile is provided in the following figure, the exact reflow profile may
depend on exact solder used.
Figure 20:
Solder Reflow Profile Graph Example (for reference only)
Attention
●
It is not advised to proceed to cleaning after SMT reflow process.
●
The modules MUST NOT be cleaned using ultrasonic cleaning.
●
We suggest to use
“no clean solder paste” and not to clean after SMT.
●
In case a cleaning is un-avoidable, rinse with DI water, followed by a 2h bake @70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com