Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8614
Description  42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8614 Datasheet HTML 2Page - Analog Devices LT8614 Datasheet HTML 3Page - Analog Devices LT8614 Datasheet HTML 4Page - Analog Devices LT8614 Datasheet HTML 5Page - Analog Devices LT8614 Datasheet HTML 6Page - Analog Devices LT8614 Datasheet HTML 7Page - Analog Devices LT8614 Datasheet HTML 8Page - Analog Devices LT8614 Datasheet HTML 9Page - Analog Devices LT8614 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
LT8615
analog.com
Rev 0
6 of 31
ABSOLUTE MAXIMUM RATINGS (1)
TA = 25°C, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
VIN, EN/UV, PG
−
0.3V to 42V
TR/SS, INTVCC, RT, FB
−
0.3V to 4V
SYNC
−
0.3V to 6V
Operating Junction Temperature Range (2, 4), LT8615R
–40°C to +150°C
Storage Temperature Range
–65°C to +150°C
.
1
2
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and
lifetime. Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
The LT8615R is specified over the –40°C to 150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes; operating lifetime is derated for junction temperatures greater than
125°C. Note that the maximum ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with the board layout, rated package thermal impedance, and
other environmental factors.
The junction temperature (TJ, in °C) is calculated from the ambient temperature (TA, in °C) and power
dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD × θJA)
where, θJA (in °C/W) is the package thermal impedance.
3
θ values determined per JEDEC 51-7, 51-12. See the Applications Information section for information on
improving the thermal resistance and for actual temperature measurements of a demo board in typical
operating conditions.
4
This IC includes overtemperature protection intended to protect the device during overload conditions.
Junction temperature exceeds 150°C when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature reduces lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com