Electronic Components Datasheet Search
  English  ▼

X  

RM100CZ Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RM100CZ
Description  HIGH POWER GENERAL USE INSULATED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM100CZ Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RM100CZ Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM100CZ Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM100CZ Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feb.1999
H
800
960
640
ABSOLUTE MAXIMUM RATINGS
Unit
V
V
V
MITSUBISHI DIODE MODULES
RM100DZ/CZ-M,-H
HIGH POWER GENERAL USE
INSULATED TYPE
M
400
480
320
Symbol
VRRM
VRSM
VR (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Reverse DC voltage
Voltage class
Unit
A
A
A
A2s
Hz
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
Conditions
Single-phase, half-wave 180
° conduction, TC=115°C
One half chcle at 60Hz, peak value
Value for one cycle of surge current
Charged part to case
Main terminal screw M5
Mounting screw M6
Typical value
Ratings
157
100
2000
1.7
× 104
1000
–40~+150
–40~+125
2500
1.47~1.96
15~20
1.96~2.94
20~30
160
Symbol
IF (RMS)
IF (AV)
IFSM
I2t
f
Tj
Tstg
Viso
—
—
Parameter
RMS forward current
Average forward current
Surge (non-repetitive) forward current
I2t for fusing
Maximum operating frequency
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Unit
mA
V
°C/W
°C/W
M
Ω
Limits
Symbol
IRRM
VFM
Rth (j-c)
Rth (c-f)
—
Parameter
Repetitive reverse current
Forward voltage
Thermal resistance
Contact thermal resistance
Insulation resistance
Test conditions
Tj=150
°C, VRRM applied
Tj=25
°C, IFM=320A, instantaneous meas.
Junction to case (per 1/2 module)
Case to fin, conductive grease applied (per 1/2 module)
Measured with a 500V megohmmeter between main terminal
and case
Min.
—
—
—
—
10
Typ.
—
—
—
—
—
Max.
20
1.25
0.3
0.2
—
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com