Electronic Components Datasheet Search
  English  ▼

X  

212250 Datasheet(PDF) 1 Page - LEMO Connectors

Part # 212250
Description  E - Outdoor Stepped Insert
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

212250 Datasheet(HTML) 1 Page - LEMO Connectors

  212250 Datasheet HTML 1Page - LEMO Connectors 212250 Datasheet HTML 2Page - LEMO Connectors 212250 Datasheet HTML 3Page - LEMO Connectors 212250 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/e-outdoor-stepped-insert/ffa-3e-312-clac75z.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
FFA.3E.312.CLAC75Z
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
12
Wire Size/AWG
30 - 22
Plug
Plug - Straight
Locking system
Push-pull
Jacket cable outside diameter [mm]
7.10 - 7.50 mm
Size
3E
Suggested matching part
ERA.3E.312.CLL
Series
E - Outdoor Stepped Insert


Similar Part No. - 212250

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
212250 LEMO-212250 Datasheet
110Kb / 4P
B - Indoor keyed
212250 LEMO-212250 Datasheet
154Kb / 4P
B - Indoor keyed
212250 LEMO-212250 Datasheet
123Kb / 4P
B - Indoor keyed
212250 LEMO-212250 Datasheet
117Kb / 4P
B - Indoor keyed
212250 LEMO-212250 Datasheet
146Kb / 4P
B - Indoor keyed
More results

Similar Description - 212250

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-33-024-2702 HARTING-09-33-024-2702 Datasheet
473Kb / 2P
Han E 24 Pos. F Insert Crimp
09-33-024-2701 HARTING-09-33-024-2701 Datasheet
474Kb / 2P
Han E 24 Pos. F Insert Screw
logo
Harwin Plc
09-33-024-2691 HARWIN-09-33-024-2691 Datasheet
474Kb / 2P
Han E 24 Pos. F Insert Screw
logo
HARTING Technology Grou...
09-33-016-2712 HARTING-09-33-016-2712 Datasheet
479Kb / 2P
Han E 16 POS. F INSERT CRIMP
09-33-024-2612 HARTING-09-33-024-2612 Datasheet
483Kb / 2P
Han E 24 POS. M INSERT CRIMP
09-33-016-2612 HARTING-09-33-016-2612 Datasheet
473Kb / 2P
Han E 16 POS. M INSERT CRIMP
09-33-016-2602 HARTING-09-33-016-2602 Datasheet
460Kb / 2P
Han E 16 Pos. M Insert Crimp
09-33-016-2601 HARTING-09-33-016-2601 Datasheet
471Kb / 2P
Han E 16 Pos. M Insert Screw
09-33-010-2601 HARTING-09-33-010-2601 Datasheet
465Kb / 2P
Han E 10 Pos. M Insert Screw
logo
METZ CONNECT GmbH
1401200810MI METZ-1401200810MI Datasheet
247Kb / 7P
E-DAT Industry RJ45 coupler insert Cat.6 Class E
2023/02/15 Version: AN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com