Electronic Components Datasheet Search
  English  ▼

X  

PROBG3000 Datasheet(PDF) 3 Page - ZKTECO CO., LTD. All rights reserved.

Part # PROBG3000
Description  High Performance Barrier Gate with High-Speed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

PROBG3000 Datasheet(HTML) 3 Page - ZKTECO CO., LTD. All rights reserved.

  PROBG3000 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 4Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 5Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 6Page - ZKTECO CO., LTD. All rights reserved. PROBG3000 Datasheet HTML 7Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Key Features
Human-friendly interactive appearance design. The
standard
chassis is
for LED indicator light, and the boom
f
is optional or LED light strip.
The Mean Cycles Between Failures (MCBF) is up to
and the product's lifespan is more than
5 million times,
10 times longer than the traditional barrier gate.
The opening/closing speed of boom is fast (upto 0.9s). You
can adjust the speed from 0.9s-8s by the vehicle
It can operate normally at temperature as low as -45°C and
as high as 75°C.
High reliability.Wear-resistant, and there is no mechanical
impact and shock absorption during the movement.
arm can also be pushed up manually by hand.
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avoid
further damage. It has impact-resistance rubber strip.
The boom direction can be quickly interchanged according to
of vehicles passed.
Suppprts delay automatic close function.
Supports boom angle adjustment function.
Supports global standard voltage of 100-240V AC and 24VDC low voltage
power supply.
Low power consumption and energy saving design. The barrier gate
can save upto 500kWh of electricity a year.
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo
High safety; when a vehicle hits the boom, it swings out to avo



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com