Electronic Components Datasheet Search
  English  ▼

X  

ADS105A160SW Datasheet(PDF) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS105A160SW
Description  SCRs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS105A160SW Datasheet(HTML) 2 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS105A160SW Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS105A160SW Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS105A160SW Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS105A160SW Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
                                    ADS105A160S
 
2 / 4
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Electrical Characteristics ( Tj = 25°C unless otherwise specified )
Symbol
Items
Conditions
ADS105A160S
Unit
S
Blank
W
IDRM
IRRM
Peak Forward Reverse
Blocking Current
VDRM = VRRM
Tj = 25°C
Max.
50
uA
VDRM = VRRM
Tj = 125°C
10
mA
VTM
Peak On-State Voltage
ITM = 110A, tp = 380 μs
Max.
1.8
V
VGD
Non-Trigger Gate Voltage
VD = VDRM RL = 3.3 kΩ
Tj = 125°C
Min.
0.25
V
VGT
Gate Trigger Voltage
VD = 12V ,RL = 33Ω
Max.
1.5
V
IGT
Gate Trigger Current
Max.
15
30
80
mA
IH
Holding Current
IT = 1A
Max.
30
40
150
mA
IL
Latching Current
IG = 1.2 IGT
Max.
50
60
200
mA
dV/dt
Critical Rate of Rise of
Off-State Voltage
VD = 2/3VDRM gate open
Tj = 125°C
Min.
1000
1200
1500
V/μs
Rth(j-c)
Junction to case (AC)
Max.
0.27
°C/W
Rth(j-a)
Junction to ambient
Max.
50
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com