Electronic Components Datasheet Search
  English  ▼

X  

ADS55A120SW Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS55A120SW
Description  SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS55A120SW Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS55A120SW Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS55A120SW Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS55A120SW Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS55A120SW Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS55A120SW Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS55A120SW Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                    ADS55A100S/120S
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.01
ADV
Part number
Package
Marking
Packing
Quantity
ADS55A100S#
TO-247S
ADS55A100S#
Tube
25pcs
ADS55A120S#
TO-247S
ADS55A120S#
Tube
25pcs
Note:# = Gate Trigger Current Sensitivity and type
PACKAGE MECHANICAL DATA
TO-247S
Package Dimension
Making Diagram
Ordering information
Symbol
Dimensions ln
Millimeters
Dimensions ln
lnches
Min
Max
Min
Max
A
15.10
16.10
0.595
0.632
B
13.80
14.80
0.544
0.582
C
19.80
20.80
0.780
0.818
D
2.00
2.40
0.079
0.095
E
2.75
3.35
0.108
0.132
F
1.30
1.50
0.051
0.059
G
0.55
0.80
0.022
0.032
H
1.45
2.15
0.058
0.084
J
4.50
5.50
0.178
0.216
K
1.90
2.80
0.075
0.110
L
5.10
5.80
0.201
0.228
P
3.00
4.00
0.108
0.157
A
E
L
L
F
J
H
K
G
ADV:Logo
ADS55A100S:Part number
X:Internal control code
H:Halogen Free
ADV XXXX
ADS55A100S
XXXH
XX
Package explain:S=TO-247S
ADVANCED
Internal control code
Current:55=55A
SCR Series
Sensitivity and type:
T=0.2mA
S=15mA
Blank=30mA
W=80mA
Voltage:100=1000V 120=1200V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com