Electronic Components Datasheet Search
  English  ▼

X  

MHW10186N Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MHW10186N
Description  Gallium Arsenide CATV Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW10186N Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MHW10186N Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW10186N Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW10186N Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW10186N Datasheet HTML 4Page - Freescale Semiconductor, Inc MHW10186N Datasheet HTML 5Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
RF Device Data
Freescale Semiconductor
MHW10186N
Table 3. Electrical Characteristics (VCC = 24 Vdc, TC = +30°C, 75 Ω system unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Composite Second Order
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
(Vout = +46 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +44 dBmV/ch., Worst Case)
132-Channel FLAT
CSO79
CSO112
CSO132
—
—
—
-72
-65
-67
-64
-61
-60
dBc
Cross Modulation Distortion @ Ch 2
(Vout = +48 dBmV/ch., FM = 55 MHz)
79-Channel FLAT
(Vout = +46 dBmV/ch., FM = 55 MHz)
112-Channel FLAT
(Vout = +44 dBmV/ch., FM = 55 MHz)
132-Channel FLAT
XMD79
XMD112
XMD132
—
—
—
-58
-58
-58
—
—
—
dBc
Composite Triple Beat
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
(Vout = +46 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +44 dBmV/ch., Worst Case)
132-Channel FLAT
CTB79
CTB112
CTB132
—
—
—
-64
-61
-62
-60
-58
-58
dBc
Noise Figure
50 MHz
870 MHz
1000 MHz
NF
—
—
—
4
3.7
4.1
5
5
5
dB
DC Current (VDC = 24 V, TC = -20° to +100°C)
IDC
230
250
265
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com