Electronic Components Datasheet Search
  English  ▼

X  

P1786 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P1786
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1786 Datasheet(HTML) 5 Page - Unisonic Technologies

  P1786 Datasheet HTML 1Page - Unisonic Technologies P1786 Datasheet HTML 2Page - Unisonic Technologies P1786 Datasheet HTML 3Page - Unisonic Technologies P1786 Datasheet HTML 4Page - Unisonic Technologies P1786 Datasheet HTML 5Page - Unisonic Technologies P1786 Datasheet HTML 6Page - Unisonic Technologies P1786 Datasheet HTML 7Page - Unisonic Technologies P1786 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
P1786
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R103-038.A
FUNCTION DESCRIPTION
PWM Control
The UTC P1786 consists of DC/DC converters which employ a PWM system. In this DC/DC converter, the pulse
width varies in a range from 0 to 100% which is according to the load current. Cause the switching frequency
remains constant the ripple voltage which produced by the switching can be removed easily through a filter.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load current.
Under Voltage Lockout
The under voltage lockout circuit makes sure that the outputs of high-side MOSFET driver remain in the off state
after the supply voltage drops below 3.3V. When VCC rises above 3.5V normal operation resumes.
RDS(ON) Current Limiting
The current limit threshold is fixed by the external resistor which is connected from VCC supply to OCSET. An
over-current condition is triggered when the PWM voltage is less than the voltage at OCSET.
ILOAD × RDS(ON) = IOCSET × ROCSET
above formula is setting the current limit value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com