Electronic Components Datasheet Search
  English  ▼

X  

PS4532 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PS4532
Description  Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4532 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PS4532 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 9Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 10Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 11Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 12Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 13Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 14Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 15Page - Pericom Semiconductor Corporation PS4532 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
PS8591D
11/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4530/PS4531/PS4532
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
Figure 7. Setup and Hold Times, Minimum LE Width
V+
+3V
EN2
V+
COM
GND
V–
V–
ADDC
ADDB
ADDA
LE
EN1
NO1-NO7
50
Ohm
VOUT
300
Ohm
35pF
PI5A4530
tON,tOFF
tH
tH
tS
tMPW
VLE
90%
VADD_
VOUT
0V
0V
0V
3V
3V
3V
50%
50%
VADD_
50
Ohm
VLE
V+
+3V
EN2
V+
COM_
NO0_
GND
V–
V–
ADDB
ADDA
LE
EN1
NO1_NO2_NO3_
50
Ohm
VOUT
300
Ohm
35pF
PI5A4531
VADD_
50
Ohm
VLE
V+
+3V
EN2
V+
COM_
NC_
GND
V–
V–
ADD_
LE
EN1
NO_
50
Ohm
VOUT
300
Ohm
35pF
VADD_
50
Ohm
VLE
PI5A4532
V– = 0V for Single-Supply Operation.
Repeat Test for Each Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com