Electronic Components Datasheet Search
  English  ▼

X  

SA58670 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA58670
Description  2.1 W/channel stereo Class D audio amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58670 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58670 Datasheet HTML 1Page - NXP Semiconductors SA58670 Datasheet HTML 2Page - NXP Semiconductors SA58670 Datasheet HTML 3Page - NXP Semiconductors SA58670 Datasheet HTML 4Page - NXP Semiconductors SA58670 Datasheet HTML 5Page - NXP Semiconductors SA58670 Datasheet HTML 6Page - NXP Semiconductors SA58670 Datasheet HTML 7Page - NXP Semiconductors SA58670 Datasheet HTML 8Page - NXP Semiconductors SA58670 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SA58670_1
© NXP B.V. 2007. All rights reserved.
Objective data sheet
Rev. 01 — 22 June 2007
3 of 18
NXP Semiconductors
SA58670
2.1 W/channel stereo Class D audio amplifier
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) Exposed DAP.
Fig 2.
Pin configuration for HVQFN20
002aac766
SA58670BS
Transparent top view
OUTRN
PGND
OUTLN
PGND
PVDD
PVDD
OUTLP
OUTRP
G1
G0
511
412
313
214
115
terminal 1
index area
(1)
Table 2.
Pin description
Symbol
Pin
Description
G1
1
gain select (MSB)
OUTLP
2
left channel positive output
PVDD
3, 13
power supply (level same as AVDD)
PGND
4, 12
power ground
OUTLN
5
left channel negative output
n.c.
6, 10
not connected
SDL
7
left channel shutdown (active LOW)
SDR
8
right channel shutdown (active LOW)
AVDD
9
analog supply (level same as PVDD)
OUTRN
11
right channel negative output
OUTRP
14
right channel positive output
G0
15
gain select (LSB)
INRP
16
right channel positive input
INRN
17
right channel negative input
AGND
18
analog ground
INLN
19
left channel negative input
INLP
20
left channel positive input
-
(DAP)
exposed die attach paddle; connect to ground plane heat spreader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com