Electronic Components Datasheet Search
  English  ▼

X  

BUX84 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # BUX84
Description  NPN SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BUX84 Datasheet(HTML) 4 Page - Power Innovations Ltd

  BUX84 Datasheet HTML 1Page - Power Innovations Ltd BUX84 Datasheet HTML 2Page - Power Innovations Ltd BUX84 Datasheet HTML 3Page - Power Innovations Ltd BUX84 Datasheet HTML 4Page - Power Innovations Ltd BUX84 Datasheet HTML 5Page - Power Innovations Ltd BUX84 Datasheet HTML 6Page - Power Innovations Ltd BUX84 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BUX84
NPN SILICON POWER TRANSISTOR
4
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
MAXIMUM SAFE OPERATING REGIONS
Figure 5.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
5·0
0·1
1·0
1·0
10
100
TCP741AJ
V
CE = 5 V
T
C = 25°C
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-60
-30
0
30
60
90
120
150
0·001
0·01
0·1
1·0
10
TCP741AK
V
CE = 800 V
V
BE = 0
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0.01
0·1
1·0
10
SAP770AB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com