Electronic Components Datasheet Search
  English  ▼

X  

MBR30100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR30100CT
Description  30.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR30100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR30100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR30100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
MBR3035CT - MBR30150CT
30.0 AMPS. Schottky Barrier Rectifiers
TO-220AB
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220AB molded plastic
Terminals: Pure tin plated, lead free. solderable per
MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBR
3035
CT
MBR
3045
CT
MBR
3050
CT
MBR
3060
CT
MBR
3090
CT
MBR
30100
CT
MBR
30150
CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current at
TC=130
oC
I(AV)
30
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=130
oC
IFRM
30
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
200
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=15A, Tc=25
oC
IF=15A, Tc=125
oC
IF=30A, Tc=25
oC
IF=30A, Tc=125
oC
VF
0.7
0.6
0.82
0.73
0.77
0.67
-
-
0.84
0.70
0.94
0.82
0.95
0.92
1.02
0.98
V
Maximum Instantaneous Reverse Current
@ Tc=25
oC at Rated DC Blocking Voltage Per Leg
@ Tc=125
oC (Note 2)
IR
0.2
15
0.2
10
0.2
7.5
0.1
5.0
mA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
1,000
V/uS
Typical Junction Capacitance
Cj
600
460
320
pF
Maximum Thermal Resistance Per Leg (Note 3)
RθJC
1.0
1.5
oC/W
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
T
STG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4”x6”x0.25”) Al-Plate


Similar Part No. - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30100CT ETC2-MBR30100CT Datasheet
104Kb / 1P
30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Taiwan Semiconductor Co...
MBR30100CT TSC-MBR30100CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR30100CT PANJIT-MBR30100CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
KEC(Korea Electronics)
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Galaxy Semi-Conductor H...
MBR30100CT BILIN-MBR30100CT Datasheet
309Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3020PT TSC-SR3020PT Datasheet
98Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT Datasheet
111Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_1 Datasheet
321Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBRF3035CT TSC-MBRF3035CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_1 Datasheet
218Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_10 Datasheet
490Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_10 Datasheet
618Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3090CT KERSEMI-MBR3090CT Datasheet
818Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBR3090CT EMMICRO-MBR3090CT Datasheet
818Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com