Electronic Components Datasheet Search
  English  ▼

X  

MBR10200CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR10200CT
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR10200CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR10200CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR10200CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 90 -
MBR10100CT THRU MBR10200CT
10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
100 to 200 Volts
Current
10.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220 molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
10100CT
MBR
10150CT
MBR
10200CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
150
200
V
Maximum RMS Voltage
VRMS
70
105
140
V
Maximum DC Blocking Voltage
VDC
100
150
200
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
10
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=125
oC
IFRM
32.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
0.5
A
Maximum Instantaneous Forward Voltage at:
(Note 2)
IF=5A, TC=25
oC
IF=5A, TC=125
oC
VF
0.85
0.75
0.88
0.78
0.99
0.87
V
Maximum Instantaneous Reverse Current@ Tc =25
℃
at Rated DC Blocking Voltage (Note 2)
IR
0.008
0.2
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
M
aximum Typical Thermal Resistance (Note 3)
R
θJc
1.5
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, Mount on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.


Similar Part No. - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR10200CT ETC-MBR10200CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
logo
Taiwan Semiconductor Co...
MBR10200CT TSC-MBR10200CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200CT TSC-MBR10200CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR10200CT KEC-MBR10200CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Sirectifier Semiconduct...
MBR10200CT SIRECTIFIER-MBR10200CT Datasheet
180Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1030CT TSC-MBR1030CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020_1 Datasheet
218Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com