Electronic Components Datasheet Search
  English  ▼

X  

MCMPBGA Datasheet(PDF) 1 Page - Amkor Technology

Part # MCMPBGA
Description  Innovative designs and expanding package offerings provide a platform from prototype-to-production
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MCMPBGA Datasheet(HTML) 1 Page - Amkor Technology

  MCMPBGA Datasheet HTML 1Page - Amkor Technology MCMPBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
MCM-PBGA
Features:
Thermal Performance:
Reliability:
Innovative designs and expanding package offerings provide
a platform from prototype-to-production.
• Ball counts up to 1156
• 13.0 mm to 40.0 mm body sizes
• 1.00, 1.27 & 1.50 mm ball pitch available
• Perimeter, stagger and full ball arrays
• Special packaging for memory available
• 2, 4, or 6 layer construction, ground / power
• Full in-house design capability
• JEDEC MS-034 standard outlines
• MCM under high volume manufacturing in all sites
• Enhanced electrical performance, shorter signal paths
and reduced package parasitics
• 2-8 active devices
• 200-600 wire bonds
• Passives can be added by utilizing the SMT
equipment located in the SiP line
Multi layer PCB, 0 air flow
PCB
Cu
Theta JA
Pkg
Body Size Layer Thickness
(°C/W)
272
27.0 x 27.0
4
36 µm19
388
35.0 x 35.0
4
36 µm16
Amkor assures you reliable performance by continuously
monitoring key indices:
• Moisture sensitivity
JEDEC Level 3
characterization
30 °C/60% RH/192 hours
• High temp op life
125 °C, 6V, 1000 hours
• High temp storage
150 °C, 1000 hours
• Autoclave or unbiased hast 130 °C/85% RH/96 hours
• Temp cycle
-55/+125 °C, 1000 cycles
MCM-PBGA Packages:
The MCM-PBGA (Multi-Chip Module Plastic Ball Grid
Array) by Amkor incorporates the latest technology
in high-density plastic IC packaging. The high-speed
performance and thermal advantages of the PBGA
package provide the platform to mix semiconductor
technologies such as analog, digital, bipolar, CMOS,
ASIC, memory, etc., in a single IC package.
The affordability of our MCM-PBGAs enable systems
designers to realize their vision of new, advanced
or improved applications. Our designs are optimized
to use standard PBGA package outline tooling to save
you costs and utilize a proven BGA infrastructure.
Additionally, we work with you to produce the most
efficient substrate circuit design that will enhance
the operation and performance of your IC chips.
Our advanced in-house design center and electrical
test support services complete the turn-key solution.
Applications:
Amkor’s MCM-PBGA is an excellent platform for reducing
form factor and size while combining semiconductor
technologies. MCM-PBGAs are perfect for any application
where size, weight, electrical performance, board density
and SMT yields are important considerations, such as
ASICs, cable and DSL modems, wireless telecommunica-
tions and electronic automotive components.
LAMINATE
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
www.amkor.com
DS 540G
Rev Date: 05 ‘07
.


Similar Part No. - MCMPBGA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MCM CDE-MCM Datasheet
562Kb / 7P
Multilayer High Power, High Temperature Mica and PTFE Capacitors
logo
TRINAMIC Motion Control...
MCM-343-H TRINAMIC-MCM-343-H Datasheet
769Kb / 27P
MODULES FOR STEPPER MOTORS
MCM-343-V TRINAMIC-MCM-343-V Datasheet
769Kb / 27P
MODULES FOR STEPPER MOTORS
MCM-351-E TRINAMIC-MCM-351-E Datasheet
991Kb / 28P
MODULES FOR STEPPER MOTORS
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
More results

Similar Description - MCMPBGA

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CBGA AMKOR-CBGA Datasheet
504Kb / 1P
From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
PBGA AMKOR-PBGA Datasheet
299Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
logo
RF Monolithics, Inc
SF2110D RFM-SF2110D Datasheet
259Kb / 6P
For prototype or pre-production sample please contact RFM Sales.
logo
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
Designed to provide good attenuation from 10kHz to 30MHz
logo
Tyco Electronics
C-1513169 MACOM-C-1513169 Datasheet
98Kb / 1P
release to production
logo
Littelfuse
FPS LITTELFUSE-FPS Datasheet
2Mb / 2P
The FPS Feeder Protection System monitors voltage and current to provide a comprehensive package of 17 protective functions
logo
TE Connectivity Ltd
C-293234 TEC-C-293234 Datasheet
441Kb / 3P
RELEASED FOR PRODUCTION FROM -1 TO -9
logo
BusBoard Prototype Syst...
SB300 BUSBOARD-SB300 Datasheet
980Kb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB400 BUSBOARD-SB400 Datasheet
1Mb / 1P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
SB404 BUSBOARD-SB404 Datasheet
2Mb / 3P
Transfer your circuit to this permanent circuit board from a plug-in breadboard to create a rugged long-lasting prototype.
Rev 4.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com