Electronic Components Datasheet Search
  English  ▼

X  

MBRS10150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS10150
Description  10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS10150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS10150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS10150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 54 -
Version: B07
MBRS1035 - MBRS10150
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
D2PAK
Features
Plastic material used carries Underwriters
Laboratory Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC D
2
PAK molded plastic body
Terminals: Pure tin plated, lead free. solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBRS
1035
MBRS
1045
MBRS
1050
MBRS
1060
MBRS
1090
MBRS
10100
MBRS
10150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=10A, Tc=25
oC
IF=10A, Tc=125
oC
IF=20A, Tc=25
oC
IF=20A, Tc=125
oC
VF
-
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.85
0.71
-
-
1.05
-
-
-
V
0.1
Maximum Instantaneous Reverse Current @ TJ =25
oC
at Rated DC Blocking Voltage (Note 2)
@ TJ=100
oC
IR
15
10
0.1
5.0
mA
mA
Typical Junction capacitance
CJ
390
300
220
pF
Maximum Thermal Resistance, Junction to Case
RΘJA
RΘJC
60
2.0
oC/W
Operating Junction Temperature Range
TJ
-65 to +175
oC
Storage Temperature Range
TSTG
-65 to +175
oC
Notes:
1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle.


Similar Part No. - MBRS10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS10150 TSC-MBRS10150 Datasheet
136Kb / 2P
10.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10150 TSC-MBRS10150 Datasheet
214Kb / 4P
Surface Mount Schottky Barrier Rectifi
MBRS10150CT TSC-MBRS10150CT Datasheet
168Kb / 2P
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS10150CT TSC-MBRS10150CT Datasheet
149Kb / 2P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRS10150CT TSC-MBRS10150CT Datasheet
258Kb / 4P
10.0AMPS Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRS10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBRS10H100CT TSC-MBRS10H100CT Datasheet
585Kb / 2P
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers Switchmode Power Rectifiers
MBRS1035CT TSC-MBRS1035CT_1 Datasheet
168Kb / 2P
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020_1 Datasheet
218Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020_1 Datasheet
161Kb / 2P
10.0 AMPS. Surface Mount Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com