Electronic Components Datasheet Search
  English  ▼

X  

RS1ML Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # RS1ML
Description  0.8 AMP. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS1ML Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  RS1ML Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS1ML Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 356 -
Version: B07
RS1AL - RS1ML
0.8 AMP. Surface Mount Fast Recovery Rectifiers
Sub SMA
Features
For surface mounted application
Glass passivated junction chip
Built-in strain relief, ideal for automated
placement
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Fast switching for high efficiency
High temperature soldering:
260oC/ 10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 8mm / 12mm tape per EIA STD
RS-481
Weight: 15 mg
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol RS
1AL
RS
1BL
RS
1DL
RS
1GL
RS
1JL
RS
1KL
RS
1ML
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Marking Code (Note 1)
RALYM RBLYM RDLYM RGLYM RJLYM RKLYM RMLYM
Maximum Average Forward Rectified Current
See Fig. 1 @TL=90
oC
I(AV)
0.8
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.3
V
Maximum DC Reverse Current @ TA =25
OC
at Rated DC Blocking Voltage @ TA=125
OC
IR
5
50
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
TRR
150
250
500
nS
Typical Junction Capacitance ( Note 3 )
Cj
10
pF
Typical Thermal Resistance (Note 4)
R θJA
R θJL
105
32
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. RALYM: R=1.0A, A=50V, L-Low Profile, Y-Year Code, M-Month Code.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1 MHz and Applied VR=4.0 Volts
4. Mounted on P.C.B. with 0.2” x 0.2” ( 5 mm x 5 mm ) Copper Pad Areas.


Similar Part No. - RS1ML

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS1ML TSC-RS1ML Datasheet
442Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RS1ML TSC-RS1ML Datasheet
198Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
Rugao Dachang Electroni...
RS1ML DACHANG-RS1ML Datasheet
129Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Guangdong Kexin Industr...
RS1ML KEXIN-RS1ML Datasheet
864Kb / 2P
Fast Recovery Diodes
logo
Taiwan Semiconductor Co...
RS1ML TSC-RS1ML Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - RS1ML

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4933A BYTES-SM4933A Datasheet
164Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMF101 BYTES-SMF101 Datasheet
151Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
SMF101 UNIOHM-SMF101 Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL_10 Datasheet
442Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
RSFAL TSC-RSFAL_10 Datasheet
447Kb / 2P
0.5 AMP. Surface Mount Fast Recovery Rectifiers
RS1AL TSC-RS1AL_11 Datasheet
198Kb / 2P
0.8 AMP. Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
DL4933 WINNERJOIN-DL4933 Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com