Electronic Components Datasheet Search
  English  ▼

X  

RS2MA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RS2MA
Description  1.5 AMPS. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS2MA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RS2MA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS2MA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
10
90
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
550
50
RATINGS AND CHARACTERISTIC CURVES (RS2AA THRU RS2MA)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Version: B07
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
2
1.5
1.0
0.5
0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
0.2 X 0.2" (5.0X5.0mm)
COPPER PAD AREAS
FIG.5- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
0.1
0.01
1
10
20
FORWARD VOLTAGE. (V)
Tj=25 C
0
Pulse Width=300 s
1% Duty Cycle
FIG.4- TYPICAL JUNCTION CAPACITANCE
FIG.2- TYPICAL REVERSE CHARACTERISTICS
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
50
40
30
20
10
0
NUMBER OF CYCLES AT 60Hz
TL=90 C
8.3ms Single Half Sine Wave
JEDEC Method
O
50
60
70
80
90
100
110
120
130
140
150
160
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
1
10
100
Tj=125 C
0
Tj=25 C
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com