Electronic Components Datasheet Search
  English  ▼

X  

S1B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1B
Description  1.0 AMP. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 456 -
Version: C07
S1A - S1M
1.0 AMP. Surface Mount Rectifiers
SMA/DO-214AC
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S1A
S1B
S1D
S1G
S1J
S1K
S1M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average
Forward
Rectified
Current
@TL =110
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.1
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
1.0
50
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
1.8
uS
Typical Junction Capacitance ( Note 2 )
Cj
12
pF
Typical Thermal Resistance (Note 3)
RθJL
RθJA
27
75
30
85
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied V
R=4.0 Volts
3. Measured on P.C. Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas.


Similar Part No. - S1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1B PANJIT-S1B Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1B PHILIPS-S1B Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1B SURGE-S1B Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1B TRSYS-S1B Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1B JGD-S1B Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - S1B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_1 Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AS TSC-S1AS Datasheet
577Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_10 Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4001 MAKOSEMI-1N4001 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4002 MAKOSEMI-1N4002 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4005 MAKOSEMI-1N4005 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com