Electronic Components Datasheet Search
  English  ▼

X  

TIC263 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIC263
Description  SILICON TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC263 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIC263 Datasheet HTML 1Page - Power Innovations Ltd TIC263 Datasheet HTML 2Page - Power Innovations Ltd TIC263 Datasheet HTML 3Page - Power Innovations Ltd TIC263 Datasheet HTML 4Page - Power Innovations Ltd TIC263 Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
DECEMBER 1971 - REVISED MARCH 1997
TIC263 SERIES
SILICON TRIACS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
HOLDING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
0·1
1
10
100
TC10AD
CASE TEMPERATURE
vs
V
AA = ± 12 V
I
G = 0
Initiating I
TM = 100 mA
V
supply
+
-
GATE FORWARD VOLTAGE
I
GF - Gate Forward Current - A
0·001
0·01
0·1
1
10
0·01
0·1
1
10
TC10AC
GATE FORWARD CURRENT
vs
QUADRANT 1
MAX
TYP
MIN
I
A = 0
T
C = 25 °C
LATCHING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100
120
1
10
100
1000
TC10AE
CASE TEMPERATURE
vs
V
AA = ± 12 V
V
supply IGTM
+
+
+
-
-
-
-
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com