Electronic Components Datasheet Search
  English  ▼

X  

DSP56600 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # DSP56600
Description  Implementing Viterbi Decoders Using the VSL Instruction on DSP Families
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56600 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button DSP56600 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56600 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
A-4
Viterbi Decoder Implementation
Basic Algorithm Program Listing
Example A-1
Basic 16-Bit Implementation of a Viterbi Decoder
OPT
mex
;***********************VITERBI DECODER***********************************
;
THIS ROUTINE IMPLEMENTS A CONVOLUTIONAL DECODER USING THE VITERBI ALG.
;
IT IS OPTIMIZED FOR SPEED, WHICH MEANS THAT EVERY ALU REGISTER
;
AND ALL OF THE R REGISTERS ARE USED.
A SIGNIFICANT AMOUNT OF
;
THESE CAN BE FREED BY STORING AND REUSING REGISTERS BETWEEN THE
;
FINDMETRICS ROUTINES AND THE ACS,ACSFlush ROUTINES.
;
INPUT is in INDATA real in x imag in y.
OUTPUT begins at y:DECOUT
;*****************BRANCH METRIC MACRO*************************************
;
FUNCTION: Input data and generate branch metrics.
;
For this decoder, the metric is a scaled
;
sum or difference of the real and imag inputs.
;
INPUTS:
;
r2 should point to the beginning of the branch metric table
;
r5 should point to the latest path metric for state 0
;
r1 should point to the next input XY data pair
;
OUTPUTS:
;
Branch metrics are stored at BRX in XY memory
;
REGISTERS USED:
;
a,b,x01,y01,r1,r2,n2, r2 unchanged (modulo req'd)
;****************************************************************
FindMetrics macro
move
l:(r1)+,y
;grab dec input
move
#-16,x1
;sign for real component, 0 sent.
mpy
x1,y1,a
;a has 0x partial branch
move
#BRY+3,r2
;storage for generated branch metrics
mac
x1,y0,a
a,b
;a gets 00 branch
mac
-x1,y0,b
;b has 01 branch
;
neg
a
a,x1
a,y:(r2)+n2 ;mv 00 to x1,11 to a, st 00 in location 3
neg
b
b,x0
b,y:(r2)+n2 ;mv 01 to x0,10 to b, st 01 in location 6
;*****************************************************************************
;
AT this point X1 has 00, X0 has 01,
;
A1 has 11, B1 has 10, needed for quick storage in Y memory
;*****************************************************************************
move
x1,y:(r2)+n2
;store 00 in location 9
move
x0,y:(r2)+n2
;store 01 in location 12
move
b,y:(r2)+n2
;store 10 in location 15
move
b,y:(r2)+n2
;store 10 in location 2
move
b,y:(r2)+n2
;store 10 in location 5
move
b,y:(r2)+n2
;store 10 in location 8
move
x0,y:(r2)+n2
;store 01 in location 11
move
x1,y:(r2)+n2
;store 00 in location 14
move
x0,y:(r2)+n2
;store 01 in location 1
move
x1,y:(r2)+n2
;store 00 in location 4
move
a,y:(r2)+n2
;store 11 in location 7
move
a,y:(r2)+n2
;store 11 in location 10
move
a,y:(r2)+n2
;store 11 in location 13
move
a,y:(r2)
;store 11 in location 0. r2-> BRY
endm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com