Electronic Components Datasheet Search
  English  ▼

X  

RC4580IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580IDR
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IDR Datasheet(HTML) 5 Page - Texas Instruments

  RC4580IDR Datasheet HTML 1Page - Texas Instruments RC4580IDR Datasheet HTML 2Page - Texas Instruments RC4580IDR Datasheet HTML 3Page - Texas Instruments RC4580IDR Datasheet HTML 4Page - Texas Instruments RC4580IDR Datasheet HTML 5Page - Texas Instruments RC4580IDR Datasheet HTML 6Page - Texas Instruments RC4580IDR Datasheet HTML 7Page - Texas Instruments RC4580IDR Datasheet HTML 8Page - Texas Instruments RC4580IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5.5 Electrical Characteristics
VCC± = ±15 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS = < 10kΩ
0.5
3
mV
IIO
Input offset current
5
200
nA
IIB
Input bias current
100
500
nA
AVD
Large-signal differential voltage amplification
RL ≥ 2kΩ, VO = ±10V
90
110
dB
VCM
Output voltage swing
RL ≥ 2kΩ
±12
±13.5
V
VICR
Common-mode input voltage
±12
±13.5
V
CMRR
Common-mode rejection ratio
RS ≤ 10kΩ
80
110
dB
kSVR
Supply-voltage rejection ratio(1)
RS ≤ 10kΩ
80
110
dB
ICC
Total supply current (all amplifiers)
6
9
mA
(1)
Measured with VCC± varied simultaneously
5.6 Operating Characteristics
VCC± = ±15 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL ≥ 2kΩ
5
V/μs
GBW
Gain-bandwidth product
f = 10kHz
12
MHz
THD
Total harmonic distortion
VO = 5V, RL = 2kΩ, f = 1kHz, AVD = 20dB
0.0005%
Vn
Equivalent input noise voltage
RIAA, RS ≤ 2.2kΩ, 30kHz LPF
0.8
μVrms
5.7 Typical Characteristics
Load Resistance, R ( )
L Ω
Figure 5-1. Maximum Output Voltage Swing vs
Load Resistance
Frequency (kHz)
Figure 5-2. Maximum Ouput Voltage Swing vs
Frequency
www.ti.com
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com