Electronic Components Datasheet Search
  English  ▼

X  

BAV16WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV16WS
Description  Fast Switching Surface Mount Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV16WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV16WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV16WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 824 -
0.016(0.4)
0.008(0.2)
0.051(1.3)
0.047(1.2)
0.006(0.15)
0.002(0.05)
0.035(0.9)
0.031(0.8)
1N 4448W S / B A V 16W S
Fast S w itching S urface M ount D iode
V oltage R ange
75 V olts
200m W atts P ow er D issipation
Features
Fast sw itching speed
S urface m ount package ideally suited for
autom atic insertion
For general purpose sw itching applications
H igh conductance
A lso available in lead free version
M echanical D ata
C ase: S O D -323F, M olded plastic
P lastic M aterial – U L Flam m ability
C lassification R ating 94V -0
Term inals: S olderable per M IIL-S TD -202,
M ethod 208
P olarity: C athode B and
M oisture sensitivity: Level 1 per J-S TD -020A
M arking: T4, T6
W eight: 0.004 gram (approx.
)
S O D -323F
D im ensions in inch es and (m illim eters)
M axim um R atings and E lectrical C haracteristics
R ating at 25
℃ ambient temperature unless otherwise specified.
M axim u m R atings
Type N um ber
Sym bol
Value
U nits
N on-R epetitive P eak R everse V oltage
V RM
100
V
P eak R epetitive R everse V oltage
W orking P eak R everse V oltage
D C B locking V oltage
V RRM
V RW M
V R
75
V
R M S R everse V oltage
V R(RM S)
53
V
Forw ard C ontinuous C urrent (N ote 1)
IFM
300
m A
A verage R ectifier O utput C urrent (N ote 1)
Io
150
m A
N on-R epetitive P eak F orw ard S urge C urrent
@ t=1.0uS
@ t=1.0S
IFSM
2.0
1.0
A
P ow er D issipation (N ote 1)
P d
200
m W
Therm al R esistance Junction to A m bient A ir
(N ote 1)
R
θ JA
625
O C/W
O perating and S torage Tem perature R ange
TJ, TSTG
-65 to + 150
O C
E lectrical C haracteristics
Type N um ber
S ym bol
Min
Max
Units
R everse B reakdow n V oltage
IR =1.0uA
V (BR)R
75
V
Forw ard V oltage
IF=1.0m A
IF= 10m A
IF =50m A
IF=150m A
V F
-
0.715
0.855
1.0
1.25
V
P eak R everse C urrent
V R =75V
V R =75V , Tj=150
℃
V R =25V , T J=150
℃
V R =20V
IR
-
1.0
50
30
25
uA
nA
Junction C apacitance
V R =0, f=1.0M H z
Cj
-
2.0
pF
R everse R ecovery Tim e (N ote 2)
trr
-
4.0
nS
N otes: 1. V alid P rovided that Term inals are K ept at A m bient Tem perature.
2. R everse R ecovery Test C onditions: IF=IR =10m A , Irr=0.1 x IR, R L=100
Ω.


Similar Part No. - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
BAV16WS DIODES-BAV16WS Datasheet
350Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
logo
Won-Top Electronics
BAV16WS WTE-BAV16WS Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
119Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com