Electronic Components Datasheet Search
  English  ▼

X  

AX104015 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX104015
Description  10GX RJ45 Coupler, KeyConnect Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX104015 Datasheet(HTML) 1 Page - Belden Inc.

  AX104015 Datasheet HTML 1Page - Belden Inc. AX104015 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 10GX KEYCONNECT COUPLERS
10GX RJ45 Coupler, KeyConnect Style
Product Description
CAT6A KeyConnect Jacks are available in several colors.
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 10GX, TIA Category 6A, 10GBASE-T
Physical Characteristics (Overall)
Height:
0.895 in
Width:
0.692 in
Depth:
1.522 in
Wiring Scheme:
T568A/B-T568A/B
Packaging:
Individually packaged in a clear plastic bag.
Weight:
0.380 lbs
Connectors
Materials
Description
Material
Type
Front Connection Flexible PCB with 50 µ inch Gold over Nickel Flexible PCB
Rear Connection
Flexible PCB with 50u inch Gold over Nickel
Flexible PCB
Connector Body
Plastic - UL94V-0
Electrical Characteristics
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
1,000V RMS @ 60 Hz for 1 minute
Temperature Range
Installation Temperature Range:
-10°C to +60°C
Storage Temperature Range:
-40°C to +70°C
Operating Temperature Range:
-10°C to +60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Plug /Jack Compatibility:
RJ45
Termination Front Connection:
Mated Connection
Termination Front Connection Durability: 750 cycles
Termination Rear Connection:
Mated Connection
Termination Rear Connection Durability: 750 cycles
Connector/Hardware Retention:
20 lbs


Similar Part No. - AX104015

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX104013 BELDEN-AX104013 Datasheet
215Kb / 2P
AX104013-CAT 5E KeyConect Patch Panel, 24 Port, 1U
11-19-2024
AX104014 BELDEN-AX104014 Datasheet
240Kb / 2P
AX104014-CAT 5E KeyConect Patch Panel, 48 Port, 2U
11-19-2024
More results

Similar Description - AX104015

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
34-261X-W-6-6-6-6 ATM-34-261X-W-6-6-6-6 Datasheet
128Kb / 1P
OUTLINE, WR34 HYBRID COUPLER, STYLE W
logo
List of Unclassifed Man...
AX102283 ETC2-AX102283 Datasheet
113Kb / 4P
Modular Connectors - 10GX Modular Jack -KeyConnect
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
logo
PowerDynamics, Inc
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
Waterproof RJ45 Coupler (IP68)
logo
Belden Inc.
AX104142 BELDEN-AX104142 Datasheet
112Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX104141 BELDEN-AX104141 Datasheet
108Kb / 3P
Faceplates and Panels - 10GX Coupler Patch Panel - KeyConnect
AX103264 BELDEN-AX103264 Datasheet
111Kb / 3P
Faceplates and Panels - 10GX Ultra-High Density PP- UHD Style
AX103256 BELDEN-AX103256 Datasheet
113Kb / 3P
AX103256 Faceplates and Panels - 10GX Patch Panel - KeyConnect
AX103254 BELDEN-AX103254 Datasheet
110Kb / 3P
AX103254 Faceplates and Panels - 10GX Patch Panel - KeyConnect
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com