Electronic Components Datasheet Search
  English  ▼

X  

1M120Z Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1M120Z
Description  Glass Passivated Junction Silicon Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1M120Z Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1M120Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1M120Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1M120Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1M120Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1M120Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 818 -
1N4741A THRU 1M200Z
Glass Passivated Junction Silicon Zener Diode
Voltage Range
11 to 200 Volts
1.0 Watts Peak Power
Features
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Typical IR less than 5.0
μA above 11V
High temperature soldering guaranteed:
260
OC / 10 seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: Molded plastic DO-41
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
Method 2025
Polarity: Color Band denotes cathode end
Mounting position : Any
Weight: 0.012 ounces, 0.3 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=50
OC,
Derate above 50
OC (Note 1)
PD
1.0
6.67
Watts
mW/
OC
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2)
IFSM
10.0
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
OC
Notes: 1. Mounted on 5.0mm
2 (0.013mm thick) land areas.
2. Measured on 8.3ms Single Half Sine-wave or Equivalent Square Wave,
Duty Cycle=4 Pulses Per Minute Maximum.


Similar Part No. - 1M120Z

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1M120Z TRSYS-1M120Z Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1M120Z TSC-1M120Z Datasheet
1Mb / 5P
Glass Passivated Junction Silicon Zener Diode
1M120Z TSC-1M120Z Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
1M120Z TSC-1M120Z Datasheet
626Kb / 5P
1.0 Watts Glass Passivated Junction Silicon Zener Diode
1M120Z TSC-1M120Z Datasheet
279Kb / 7P
1.0 Watt Glass Passivated Junction Silicon Zener Diodes
More results

Similar Description - 1M120Z

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
3EZ11 TRSYS-3EZ11 Datasheet
282Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com