Electronic Components Datasheet Search
  English  ▼

X  

10941 Datasheet(PDF) 2 Page - Extreme Networks.

Part # 10941
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

10941 Datasheet(HTML) 2 Page - Extreme Networks.

  10941 Datasheet HTML 1Page - Extreme Networks. 10941 Datasheet HTML 2Page - Extreme Networks. 10941 Datasheet HTML 3Page - Extreme Networks. 10941 Datasheet HTML 4Page - Extreme Networks. 10941 Datasheet HTML 5Page - Extreme Networks. 10941 Datasheet HTML 6Page - Extreme Networks. 10941 Datasheet HTML 7Page - Extreme Networks. 10941 Datasheet HTML 8Page - Extreme Networks. 10941 Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Performance Stacking
Up to eight X450-G2 switches can be stacked using two different methods
of stacking: Summit Stack-V, and SummitStack-V84. Each X450-G2 unit
comes equipped with 2 ports of 21 Gigabit stacking ports via a QSFP
interface. Standard passive 40Gb copper cables can be used for stacking
X450-G2s together.
Power over Ethernet (PoE)
Switches support IEEE 802.3at PoE+ and IEEE 802.3af PoE to enable
connection of standards compliant PoE devices. Power over Ethernet
allows connection of Ethernet-powered devices, such as wireless access
points, Voice over IP phones, and security cameras. The X450-G2 supports
full PoE+ 30W power across all 24 or 48 ports using its internal power
supplies.
Role-Based Policy
The X450-G2 supports role-based policies that can be centrally
administered through the ExtremeControl policy manager. This policy
framework empowers network administrators to define distinct roles or
profiles to represent specific operational groups that may exist in an
enterprise. Each defined role can then be granted individualized access
to specific network services and applications and these access privileges
remain associated with users as they move across both wired and wireless
network access points.
Fabric Attach
Fabric Attach on the X450-G2 can be used to automate the connection to
Extreme's campus-based Fabric Connect solution. Fabric Attach not only
provides zero-touch edge provisioning, it also allows the X450-G2 to take
advantage of the virtualized services and inherent security capabilities of
the Extreme Fabric Connect infrastructure.
Audio Video Bridging
The X450-G2 series supports IEEE 802.1 Audio Video Bridging (AVB)
to enable reliable, real-time audio/video transmission over Ethernet.
AVB technology delivers the quality of service required for today’s high-
definition and time-sensitive multimedia streams.
Management
The X450-G2 can be managed in a variety of ways. Simple on-box
management functions are delivered by a web-based GUI, and a generic
CLI is available for manual configuration.
ExtremeCloud IQ along with ExtremeCloud IQ – Site Engine provide a
comprehensive unified management capability with a consolidated view
of users, devices, and applications for wired and wireless networks. Zero-
touch provisioning lets one quickly bring new X450-G2 switches online, and
a granular view of devices, ports and users enables efficient inventory and
network topology management.
Note: Refer to New Features in the
ExtremeCloudIQ Release Notes for the
latest list of cloud-supported X450-G2 models.
www.extremenetworks.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com