Electronic Components Datasheet Search
  English  ▼

X  

10941 Datasheet(PDF) 13 Page - Extreme Networks.

Part # 10941
Description  Premium Stackable Switching Platform for Network Edge Deployments
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

10941 Datasheet(HTML) 13 Page - Extreme Networks.

Back Button 10941 Datasheet HTML 5Page - Extreme Networks. 10941 Datasheet HTML 6Page - Extreme Networks. 10941 Datasheet HTML 7Page - Extreme Networks. 10941 Datasheet HTML 8Page - Extreme Networks. 10941 Datasheet HTML 9Page - Extreme Networks. 10941 Datasheet HTML 10Page - Extreme Networks. 10941 Datasheet HTML 11Page - Extreme Networks. 10941 Datasheet HTML 12Page - Extreme Networks. 10941 Datasheet HTML 13Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Warranty
All X465 Series models are covered under Extreme’s Universal LLW policy.
For warranty details, visit https://www.extremenetworks.com/support/
policies/.
Power Cords
Power cords are not included with the X465 in support of our green
initiatives but can be ordered separately.
Optics/Transceivers
For a list of the optics and transceivers supported on the X465 Series
hardware, refer to our Extreme Optics Compatibility Tool.
Maintenance Services
Extreme’s maintenance and support services are provided 100% by in-
house engineering experts. We have a rate of over 90% first-person
resolution, ensuring efficient operation of your business-essential network.
With 24x7x365 phone support, advanced parts replacement, and on-site
support, we augment your staff with expert resources to help you mitigate
critical network issues fast. Visit Extreme Maintenance Services for more
information.
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
18jul23
www.extremenetworks.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com